Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6266AIRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6266AIRZ
Description  Two-phase Core Controllers (Montevina, IMVP-6)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6266AIRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6266AIRZ Datasheet HTML 1Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6266AIRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
FN6398.3
June 14, 2010
Absolute Maximum Ratings
Thermal Information
Supply Voltage (VDD) . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +7V
Battery Voltage (VIN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +28V
Boot Voltage (BOOT) . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +33V
Boot to Phase Voltage (BOOT to PHASE). . . . . . -0.3V to +7V (DC)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +9V (<10ns)
Phase Voltage (PHASE) . . . . . . . . . -7V (<20ns Pulse Width, 10µJ)
UGATE Voltage (UGATE) . . . . . . . . . . PHASE -0.3V (DC) to BOOT
. . . . . . . . . . . . . .PHASE-5V (<20ns Pulse Width, 10µJ) to BOOT
LGATE Voltage (LGATE) . . . . . . . . . . . -0.3V (DC) to (VDD + 0.3V)
. . . . . . . . . . . . . .-2.5V (<20ns Pulse Width, 5µJ) to (VDD + 0.3V)
All Other Pins . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VDD + 0.3V)
Open Drain Outputs, PGOOD, VR_TT# . . . . . . . . . . . -0.3V to +7V
Thermal Resistance (Typical)
θJA°C/W
θJC°C/W
QFN Package (Notes 1, 2). . . . . . . . . .
29
4.5
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Pb-free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage, VDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V ±5%
Battery Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . +5V to 25V
Ambient Temperature . . . . . . . . . . . . . . . . . . . . . . -40°C to +100°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . -40°C to +125°C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
1.
θ
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
VDD = 5V, TA = -40°C to +100°C, unless otherwise specified.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 4)
TYP
MAX
(Note 4)
UNITS
INPUT POWER SUPPLY
+5V Supply Current
IVDD
VR_ON = 3.3V
5.1
5.7
mA
VR_ON = 0V
1
µA
+3.3V Supply Current
I3V3
No load on CLK_EN#
1
µA
Battery Supply Current at VIN pin
IVIN
VR_ON = 0V, VIN = 25V
1
µA
POR (Power-On Reset) Threshold
PORr
VDD Rising
4.35
4.5
V
PORf
VDD Falling
4.0
4.15
V
SYSTEM AND REFERENCES
System Accuracy ( ISL6266AHRZ)
%Error
(VCC_CORE)
No load, closed loop, active mode,
TA = 0°C to +100°C, VID = 0.75V to 1.5V
-0.5
0.5
%
VID = 0.5V to 0.7375V
-8
8
mV
VID = 0.3V to 0.4875V
-15
15
mV
System Accuracy (ISL6266AIRZ)
%Error
(Vcc_core)
No load, closed loop, active mode,
VID = 0.75V to 1.5V
-0.8
0.8
%
VID = 0.5V to 0.7375V
-10
10
mV
VID = 0.3V to 0.4875V
-18
18
mV
RBIAS Voltage
RRBIAS
RRBIAS = 147kΩ
1.45
1.47
1.49
V
Boot Voltage
VBOOT
1.188
1.2
1.212
V
Output Voltage Range
VCC_CORE
(max)
VID = [0000000]
1.5
V
VCC_CORE
(min)
VID = [1100000]
0.3
V
VID Off State
VID = [1111111]
0
V
ISL6266, ISL6266A


Similar Part No. - ISL6266AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6266AIRZ INTERSIL-ISL6266AIRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266AIRZ RENESAS-ISL6266AIRZ Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266AIRZ-T INTERSIL-ISL6266AIRZ-T Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266AIRZ-T RENESAS-ISL6266AIRZ-T Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
More results

Similar Description - ISL6266AIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6266HRZ INTERSIL-ISL6266HRZ Datasheet
802Kb / 31P
   Two-phase Core Controllers(Montevina, IMVP-6)
August 25, 2015
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
   Two-phase Core Controllers (Montevina, IMVP-6)
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
   Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
logo
Intersil Corporation
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
   Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
   Two-Phase Core Controller Santa Rosa, IMVP-6
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Renesas Technology Corp
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
logo
Intersil Corporation
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
   Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
   Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com