Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA76413D3 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # HUFA76413D3
Description  20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76413D3 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Back Button HUFA76413D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 9Page - Fairchild Semiconductor HUFA76413D3 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76413D3, HUFA76413D3S Rev. B
Test Circuits and Waveforms
FIGURE 17. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 18. UNCLAMPED ENERGY WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
FIGURE 21. SWITCHING TIME TEST CIRCUIT
FIGURE 22. SWITCHING TIME WAVEFORM
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
RL
VGS
+
-
VDS
VDD
DUT
Ig(REF)
VDD
Qg(TH)
VGS = 1V
Qg(5)
VGS = 5V
Qg(TOT)
VGS = 10V
VDS
VGS
Ig(REF)
0
0
Qgs
Qgd
VGS
RL
RGS
DUT
+
-
VDD
VDS
VGS
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
HUFA76413D3, HUFA76413D3S


Similar Part No. - HUFA76413D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T Datasheet
269Kb / 11P
   N-Channel Logic Level UltraFET Power MOSFET 60V, 4.8A, 56m?
HUFA76413DK8T FAIRCHILD-HUFA76413DK8T_10 Datasheet
622Kb / 11P
   N-Channel Logic Level UltraFET짰 Power MOSFET 60V, 4.8A, 56m廓
More results

Similar Description - HUFA76413D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76413D3 INTERSIL-HUF76413D3 Datasheet
105Kb / 9P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76413D3 FAIRCHILD-HUF76413D3 Datasheet
205Kb / 10P
   20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76413P3 FAIRCHILD-HUFA76413P3 Datasheet
207Kb / 10P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76413P3 INTERSIL-HUF76413P3 Datasheet
105Kb / 9P
   22A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76423D3 FAIRCHILD-HUF76423D3 Datasheet
199Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETFairchild
logo
Intersil Corporation
HUF76419D3 INTERSIL-HUF76419D3 Datasheet
332Kb / 9P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76419D3 FAIRCHILD-HUF76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com