Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2596S-5.0 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2596S-5.0
Description  SIMPLE SWITCHER Power Converter
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596S-5.0 Datasheet(HTML) 2 Page - Texas Instruments

  LM2596S-5.0 Datasheet HTML 1Page - Texas Instruments LM2596S-5.0 Datasheet HTML 2Page - Texas Instruments LM2596S-5.0 Datasheet HTML 3Page - Texas Instruments LM2596S-5.0 Datasheet HTML 4Page - Texas Instruments LM2596S-5.0 Datasheet HTML 5Page - Texas Instruments LM2596S-5.0 Datasheet HTML 6Page - Texas Instruments LM2596S-5.0 Datasheet HTML 7Page - Texas Instruments LM2596S-5.0 Datasheet HTML 8Page - Texas Instruments LM2596S-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
LM2596
SIMPLE SWITCHER® Power Converter 150 kHz
3A Step-Down Voltage Regulator
General Description
The LM2596 series of regulators are monolithic integrated
circuits that provide all the active functions for a step-down
(buck) switching regulator, capable of driving a 3A load with
excellent line and load regulation. These devices are avail-
able in fixed output voltages of 3.3V, 5V, 12V, and an adjust-
able output version.
Requiring a minimum number of external components, these
regulators are simple to use and include internal frequency
compensation, and a fixed-frequency oscillator.
The LM2596 series operates at a switching frequency of
150 kHz thus allowing smaller sized filter components than
what would be needed with lower frequency switching regu-
lators. Available in a standard 5-lead TO-220 package with
several different lead bend options, and a 5-lead TO-263
surface mount package.
A standard series of inductors are available from several
different manufacturers optimized for use with the LM2596
series. This feature greatly simplifies the design of
switch-mode power supplies.
Other features include a guaranteed ±4% tolerance on out-
put voltage under specified input voltage and output load
conditions, and ±15% on the oscillator frequency. External
shutdown is included, featuring typically 80 µA standby cur-
rent. Self protection features include a two stage frequency
reducing current limit for the output switch and an over
temperature shutdown for complete protection under fault
conditions.
Features
n
3.3V, 5V, 12V, and adjustable output versions
n
Adjustable version output voltage range, 1.2V to 37V
±4% max over line and load conditions
n
Available in TO-220 and TO-263 packages
n
Guaranteed 3A output load current
n
Input voltage range up to 40V
n
Requires only 4 external components
n
Excellent line and load regulation specifications
n
150 kHz fixed frequency internal oscillator
n
TTL shutdown capability
n
Low power standby mode, I
Q typically 80 µA
n
High efficiency
n
Uses readily available standard inductors
n
Thermal shutdown and current limit protection
Applications
n
Simple high-efficiency step-down (buck) regulator
n
On-card switching regulators
n
Positive to negative converter
Note: †Patent Number 5,382,918.
Typical Application (Fixed Output Voltage
Versions)
01258301
SIMPLE SWITCHER® and
Switchers Made Simple® are registered trademarks of National Semiconductor Corporation.
May 2002
© 2002 National Semiconductor Corporation
DS012583
www.national.com


Similar Part No. - LM2596S-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2596S-5.0 NSC-LM2596S-5.0 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-5.0 TI1-LM2596S-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
TECH PUBLIC Electronics...
LM2596S-5.0 TECHPUBLIC-LM2596S-5.0 Datasheet
2Mb / 8P
   3A / 150kHz Step-Down DC-DC Converter
logo
Guangdong Youtai Semico...
LM2596S-5.0 UMW-LM2596S-5.0 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-5.0/NOPB TI1-LM2596S-5.0/NOPB Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results

Similar Description - LM2596S-5.0

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
LM2596 FCI-LM2596 Datasheet
1Mb / 14P
   Simple switcher Power Converter 150kHz Simple switcher Power Converter 150kHz
logo
Texas Instruments
LM2590HV TI1-LM2590HV_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
List of Unclassifed Man...
AE2596 ETC-AE2596 Datasheet
449Kb / 13P
   SIMPLE SWITCHER POWER CONVERTER
logo
National Semiconductor ...
LM2672M NSC-LM2672M Datasheet
647Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A
logo
Texas Instruments
LMR16030 TI1-LMR16030 Datasheet
161Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER Step-Down Converter
LM2590HV-AQ-Q1 TI1-LM2590HV-AQ-Q1 Datasheet
3Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
LMZ12008 TI1-LMZ12008_16 Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Module
logo
Pulse A Technitrol Comp...
P0841NL PULSE-P0841NL Datasheet
173Kb / 2P
   Simple Switcher
logo
Texas Instruments
LMZ23603 TI1-LMZ23603 Datasheet
1Mb / 34P
[Old version datasheet]   3A SIMPLE SWITCHER Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com