Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F10JBCAFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F10JBCAFP
Description  Integrated USB Controller, True Low Power Platform
Download  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10JBCAFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F10JBCAFP Datasheet HTML 1Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 2Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 3Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 4Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 5Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 6Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 7Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 8Page - Renesas Technology Corp R5F10JBCAFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 138 page
background image
RL78/G1C
1.
OUTLINE
Page 3 of 135
R01DS0348EJ0100
Rev.1.00
Aug 08, 2013
Figure 1-1.
Part Number, Memory Size, and Package of RL78/G1C
Part No.
R 5 F 1 0 J G C A x x x F B # V 0
Packing
#U0 : Tray (HWQFN)
#V0 : Tray (LQFP, LFQFP)
#W0 : Embossed Tape (HWQFN)
#X0 : Embossed Tape (LQFP, LFQFP)
Package
ROM Number (Blank product is omitted)
ROM Capacity
RL78/G1C group
Renesas Microcontroller
Renesas Semiconductor
FP : LQFP, 0.80 mm pitch
FB : LFQFP, 0.50 mm pitch
NA : HWQFN, 0.50 mm pitch
C : 32 KB
Pin count
B : 32-pin
G : 48-pin
10J : USB host / function controller mounted
10K : USB function controller mounted
Classification
A : Consumer use, operating ambient temperature:
− 40 °C to +85 °C
G : Industrial use, operating ambient temperature:
− 40 °C to +105 °C
Type of Memory
F : Flash data memory
<R>


Similar Part No. - R5F10JBCAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F10JBCA RENESAS-R5F10JBCA Datasheet
1Mb / 137P
   Integrated USB Controller
More results

Similar Description - R5F10JBCAFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RL78-G14 RENESAS-RL78-G14 Datasheet
2Mb / 213P
   True Low Power Platform
RL78-G11 RENESAS-RL78-G11 Datasheet
1Mb / 139P
   True Low Power Platform
RL78-G13 RENESAS-RL78-G13 Datasheet
1Mb / 202P
   True Low Power Platform
R5F1076CGSP RENESAS-R5F1076CGSP Datasheet
1Mb / 107P
   True Low Power Platform Ultra-Low Power Technology
RL78-G1C RENESAS-RL78-G1C Datasheet
1Mb / 137P
   Integrated USB Controller
logo
STMicroelectronics
STCC2540 STMICROELECTRONICS-STCC2540 Datasheet
951Kb / 32P
   USB charging controller with integrated power switch
February 2014 Rev 6
logo
Altmustech
AU123 ALTMUSTECH-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
Torex Semiconductor
AU123 TOREX-AU123 Datasheet
513Kb / 3P
   Integrated USB MIDI Controller IC
logo
Renesas Technology Corp
ZSPM2000 RENESAS-ZSPM2000 Datasheet
669Kb / 43P
   True Digital PWM Controller with Integrated MOSFET Driver
January 27, 2016
logo
Feeling Technology Corp...
FM8PU86LV FEELING-FM8PU86LV Datasheet
1Mb / 40P
   Low Power Full-Speed USB Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com