Electronic Components Datasheet Search |
|
GRM0225C1C6R3DD05 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
GRM0225C1C6R3DD05 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 237 page Contents Selection Guide p2 Capacitance Table p3 Part Numbering p15 ISO 9001 Certifications p215 Introduction of Website SimSurfing p216 EMICON-FUN! p217 Product Information p218 Please check the MURATA home page (http://www.murata.com/) if you cannot find the part number in the catalog. !Caution/Notice p118 For General Purpose GRM Series (Less than 250Vdc) p21 separate volume Capacitor Array GNM Series p76 p4 Low ESL LLL/LLR/LLA/LLM Series p79 p5 High-Q Type GJM Series p82 p7 High Frequency GQM Series p104 p8 Monolithic Microchip GMA Series p113 p9 For Bonding GMD Series p115 p10 Chip Monolithic Ceramic Capacitors Cap. Table Reference Data (Typical Example) p182 Package p185 !Caution/Notice p188 Chip Monolithic Ceramic Capacitors (Medium Voltage) For General Purpose GRM (250Vdc min.)/GRJ/GR3 Series Temperature Compensating Type GRM Series (250Vdc min.) p136 separate volume High Dielectric Constant Type GRM Series (250Vdc min.) p143 separate volume Soft Termination Type GRJ Series p148 p11 Large Capacitance and High Allowable Ripple Current GR3 Series p153 p11 Only for Applications For LCD Backlight Inverter Circuit GRM/DC3.15kV Series p158 p12 For Information Devices GR4 Series p161 p12 For Camera Flash Circuit GR7 Series p165 p12 UL, IEC60384-14 Class X1/Y2 Type GC p173 p13 IEC60384-14 Class Y2, X1/Y2 Type GF p174 p13 IEC60384-14 Class Y3 Type GD p176 p13 IEC60384-14 Class X2 Type GB p177 p13 AC250V Type (Which Meet Japanese Law) GA2 Series p169 p12 Safety Standard Certified GA3 Series Cap. Table Metal Terminal Monolithic Ceramic Capacitors For General Purpose KRM/KR3 Series High Capacitance for General Use KRM Series p200 p14 Large Capacitance and High Allowable Ripple Current KR3 Series p204 p14 Package p208 !Caution/Notice p210 Cap. Table Product specifications are as of July 2012. ecifications are as of July 2012. C02E.pdf Oct.1,2012 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. |
Similar Part No. - GRM0225C1C6R3DD05 |
|
Similar Description - GRM0225C1C6R3DD05 |