Electronic Components Datasheet Search |
|
DE2B3KY102JB4A Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd. |
|
DE2B3KY102JB4A Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd. |
11 / 83 page C85E.pdf Jul.13,2011 9 3 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. Safety Standard Certified Ceramic Capacitors Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1- s Features 1. We design capacitors much more compact in size than current Type KX, having reduced the diameter by 20% max. 2. Operating temperature range guaranteed up to 125 degrees (UL: 85 deg.). 3. Dielectric strength: AC4000V 4. Class X1/Y1 capacitors certified by UL/CSA/VDE/BSI/SEMKO/DEMKO/FIMKO/NEMKO/ESTI/ IMQ. 5. Can be use with a component in appliances requiring reinforced insulation and double insulation based on UL1492, IEC60065 and IEC60950. 6. Coated with flame-retardant epoxy resin (conforming to UL94V-0 standard). Please contact us when a halogen-free product* is necessary. * Cl=900ppm max., Br=900ppm max. and Cl+Br=1500ppm max. 7. Taping available for automatic insertion. s Applications 1. Ideal for use as X/Y capacitors for AC line filters and primary-secondary coupling on switching power supplies and AC adapters. 2. Ideal for use on D-A isolation and noise absorption for DAA modems without transformers. Do not use these products in any automotive power train or safety equipment including battery chargers for electric vehicles and plug-in hybrids. Only Murata products clearly stipulated as "for Automotive use" on its catalog can be used for automobile applications such as power train and safety equipment. *: Small sized Type KX differs from current Type KX in electrical characteristics, such as the voltage dependency, capacitance temperature dependency, and Dielectric strength. Therefore, before replacing current Type KX, please make a performance check by equipment. Please also refer to Notice (Rating) item 2, "Performance Check by Equipment," below. ød F ±1.0 (in mm) D max. e T max. Lead Code Coating Extension e A4 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Long (A4) ød F ±0.8 D max. e T max. (in mm) Lead Code Coating Extension e B4 Up to the end of crimp ød 0.6 ±0.05 [Bulk] Vertical Crimp Short (B4) |
Similar Part No. - DE2B3KY102JB4A |
|
Similar Description - DE2B3KY102JB4A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |