Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA76437P3 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # HUFA76437P3
Description  64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76437P3 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  HUFA76437P3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76437P3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
BUZ1 Rev. B
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 12. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 13. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
NOTE: Refer to Fairchild Application Notes AN7254 and AN7260.
FIGURE 14. GATE CHARGE WAVEFORMS FOR CONSTANT
GATE CURRENT
FIGURE 15. SWITCHING TIME vs GATE RESISTANCE
FIGURE 16. SWITCHING TIME vs GATE RESISTANCE
Typical Performance Curves (Continued)
0.6
0.8
1.0
1.4
-80
-40
0
40
80
120
160
200
0.4
TJ, JUNCTION TEMPERATURE (
oC)
VGS = VDS, ID = 250µA
1.2
1.0
1.1
1.2
-80
-40
0
40
80
120
160
200
0.9
TJ, JUNCTION TEMPERATURE (
oC)
ID = 250µA
50
1000
7000
0.1
1
10
60
VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = 0V, f = 1MHz
CISS = CGS + CGD
COSS ≅ CDS + CGD
CRSS = CGD
100
2
4
6
8
10
0
1530456075
0
VDD = 30V
Qg, GATE CHARGE (nC)
ID = 64A
ID = 42A
WAVEFORMS IN
DESCENDING ORDER:
ID = 21A
200
400
600
800
0
10
203040
50
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 4.5V, VDD = 30V, ID = 44A
tr
tf
td(ON)
td(OFF)
100
200
300
400
0
1020
3040
50
0
RGS, GATE TO SOURCE RESISTANCE (Ω)
VGS = 10V, VDD = 30V, ID = 71A
td(OFF)
td(ON)
tf
tr
HUFA76437P3, HUFA76437S3S


Similar Part No. - HUFA76437P3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76432S3S FAIRCHILD-HUFA76432S3S Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76439P3 FAIRCHILD-HUFA76439P3 Datasheet
294Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76439S3S FAIRCHILD-HUFA76439S3S Datasheet
294Kb / 10P
   71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76437P3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HUF76437P3 INTERSIL-HUF76437P3 Datasheet
108Kb / 9P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76437P3 FAIRCHILD-HUF76437P3 Datasheet
217Kb / 10P
   64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA75433S3S FAIRCHILD-HUFA75433S3S Datasheet
301Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 64A, 16m?
HUFA76432P3 FAIRCHILD-HUFA76432P3 Datasheet
216Kb / 10P
   55A, 60V, 0.019 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423P3 FAIRCHILD-HUFA76423P3 Datasheet
241Kb / 10P
   33A, 60V, 0.035 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76419D3 FAIRCHILD-HUFA76419D3 Datasheet
197Kb / 10P
   20A, 60V, 0.043 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429D3 FAIRCHILD-HUFA76429D3 Datasheet
229Kb / 10P
   20A, 60V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76423D3 FAIRCHILD-HUFA76423D3 Datasheet
200Kb / 10P
   20A, 60V, 0.037 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76429P3 FAIRCHILD-HUFA76429P3 Datasheet
208Kb / 10P
   44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
HUFA76407D3 FAIRCHILD-HUFA76407D3 Datasheet
234Kb / 10P
   11A, 60V, 0.107 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com