Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH4D284R7 Datasheet(PDF) 10 Page - Analog Devices

Part # CDRH4D284R7
Description  Thermoelectric Cooler Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

CDRH4D284R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button CDRH4D284R7 Datasheet HTML 6Page - Analog Devices CDRH4D284R7 Datasheet HTML 7Page - Analog Devices CDRH4D284R7 Datasheet HTML 8Page - Analog Devices CDRH4D284R7 Datasheet HTML 9Page - Analog Devices CDRH4D284R7 Datasheet HTML 10Page - Analog Devices CDRH4D284R7 Datasheet HTML 11Page - Analog Devices CDRH4D284R7 Datasheet HTML 12Page - Analog Devices CDRH4D284R7 Datasheet HTML 13Page - Analog Devices CDRH4D284R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
REV.
–10–
ADN8830
To eliminate the resolution of the DAC as the principal source
of system error, the step size of each bit, VSTEP, should be lower
than the desired system resolution. A practical value for absolute
DAC resolution is the equivalent of 0.05
°C. The value of VSTEP
should be less than the value of m from Equation 8 multiplied
by the desired temperature resolution, or
VC
m
STEP
<° ×
005
.
(10)
where m is the slope of the voltage-to-temperature conversion
line, as found from Equation 8. From Design Example 2, where
m = 25 mV/
°C, we see the DAC should have resolution better
than 1.25 mV per step.
The minimum number of bits required is then given as
Number of Bits
VV
FS
STEP
=
()
(
)
()
log
– log
log 2
(11)
where VFS is the full-scale output voltage from the DAC, which
should be equal to the reference voltage from the ADN8830,
VREF = 2.47 V as given in the Specifications table for the
Reference Voltage. In this example, the minimum resolution is
11 bits. A 12-bit DAC, such as the AD7390, can be readily
found.
It is important that the full-scale voltage input to the DAC is tied
to the ADN8830 reference voltage, as shown in Figure 4. This
eliminates errors from slight variances of VREF.
Thermistor Fault and Temperature Lock Indications
Both the THERMFAULT (Pin 1) and TEMPLOCK (Pin 5)
outputs are CMOS compatible outputs that are active high.
THERMFAULT will be a logic low while the thermistor is
operating normally and will go to a logic high if a short or
open is detected at THERMIN (Pin 2). The trip voltage for
THERMFAULT is when THERMIN falls below 0.2 V or
exceeds 2.0 V. THERMFAULT provides only an indication of
a fault condition and does not activate any shutdown or protec-
tion circuitry on the ADN8830. To shut down the ADN8830, a
logic low voltage must be asserted on Pin 3, as described in the
Shutdown Mode section.
TEMPLOCK will output a logic high when the voltage at
THERMIN is within 2.5 mV of TEMPSET. This voltage can
be related to temperature by solving for m from Equation 8. For
most laser diode applications, 2.5 mV is equivalent to
±0.1°C.
If the voltage difference between THERMIN and TEMPSET is
greater than 2.5 mV, then TEMPLOCK will output a logic low.
The input offset voltage of the ADN8830 is guaranteed to within
250
μV, which for most applications is within ±0.01°C.
Setting the Switching Frequency
The ADN8830 has an internal oscillator to generate the switch-
ing frequency for the output stage. This oscillator can be either
set in free-run mode or synchronized to an external clock
signal. For free-run operation, SYNCIN (Pin 25) should be
connected to ground and COMPOSC (Pin 24) should be
connected to AVDD. The switching frequency is then set by a
single resistor connected from FREQ (Pin 26) to ground.
Table I shows RFREQ for some common switching frequencies.
Table I. Switching Frequencies vs. RFREQ
fSWITCH
RFREQ
100 kHz
1.5 M
Ω
250 kHz
600 k
Ω
500 kHz
300 k
Ω
750 kHz
200 k
Ω
1 MHz
150 k
Ω
For other frequencies, the value for this resistor, RFREQ, should
be set to
R
f
FREQ
SWITCH
=
×
150
10
9
(12)
where fSWITCH is the switching frequency in Hz.
Higher switching frequencies reduce the voltage ripple across
the TEC. However, high switch frequencies will create more
power dissipation in the external transistors. This is due to the
more frequent charging and discharging of the transistors’ gate
capacitances. If large transistors are needed for a high output
current application, faster switching frequencies could reduce
the overall power efficiency of the circuit. This is covered in
detail in the Calculating Power Dissipation and Efficiency section.
The switching frequency of the ADN8830 can be synchronized
with an external clock by connecting the clock signal to SYNCIN
(Pin 25). Pin 24 should also be connected to an R-C network, as
shown in Figure 6. This network is simply used to compensate a
PLL to lock on to the external clock. To ensure the quickest
synchronization lock-in time, RFREQ should be set to 1.5 M
Ω.
ADN8830
FREQ
COMPOSC
1.5M
26
24
0.1 F
1k
1nF
Figure 6. Using an R-C Network on Pin 24 with
an External Clock
The relative phase of the ADN8830 internal oscillator compared
to the external clock signal can be adjusted. This is accomplished
by adjusting the voltage to PHASE (Pin 29) according to TPCs 3
and 4. The phase shift versus voltage can be approximated as
Phase Shift
V
VREF
PHASE
°=
° ×
360
(13)
where VPHASE is the voltage at Pin 29, and VREF has a typical
value of 2.47 V.
To ensure the oscillator operates correctly, VPHASE should remain
higher than 100 mV and lower than 2.3 V. This is required for
either internal clock or external synchronization operation. A
resistor divider from VREF to ground can establish this voltage
easily, although any voltage source, such as a DAC, could be used
as well. If phase is not a consideration, for example with a single
ADN8830 being used, Pin 29 can be tied to Pin 6, which pro-
vides a 1.5 V reference voltage.
D


Similar Part No. - CDRH4D284R7

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH4D28 SUMIDA-CDRH4D28 Datasheet
115Kb / 2P
   POWER INDUCTORS
logo
ECM Electronics Limited...
CDRH4D28 ECM-CDRH4D28 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH4D28 AITCOMPONENTS-CDRH4D28 Datasheet
30Kb / 1P
   CDRH4D28 SMD POWER INDUCTOR
logo
ECM Electronics Limited...
CDRH4D28-100 ECM-CDRH4D28-100 Datasheet
162Kb / 7P
   Surface Mount Power Inductors
logo
AIT Components Ltd.
CDRH4D28-100 AITCOMPONENTS-CDRH4D28-100 Datasheet
30Kb / 1P
   CDRH4D28 SMD POWER INDUCTOR
More results

Similar Description - CDRH4D284R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8830 AD-ADN8830 Datasheet
416Kb / 24P
   Thermoelectric Cooler Controller
REV. C
ADN8830 AD-ADN8830_15 Datasheet
279Kb / 22P
   Thermoelectric Cooler Controller
REV. D
ADN8831ACPZ-R2 AD-ADN8831ACPZ-R2 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831 Datasheet
505Kb / 11P
   Thermoelectric Cooler (TEC) Controller
Rev. PrC
ADN8831ACP AD-ADN8831ACP Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
ADN8831 AD-ADN8831_15 Datasheet
408Kb / 20P
   Thermoelectric Cooler (TEC) Controller
REV. A
logo
Linear Technology
LTC1923 LINER-LTC1923_15 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
LTC1923 LINER-LTC1923 Datasheet
452Kb / 28P
   High Efficiency Thermoelectric Cooler Controller
logo
Microsemi Corporation
LX1810 MICROSEMI-LX1810 Datasheet
133Kb / 6P
   ThermoElectric Cooler Drive Controller IC
logo
List of Unclassifed Man...
RC6-4 ETC2-RC6-4 Datasheet
475Kb / 2P
   Thermoelectric Cooler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com