Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP491 Datasheet(PDF) 9 Page - Analog Devices

Part # OP491
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP491 Datasheet(HTML) 9 Page - Analog Devices

Back Button OP491 Datasheet HTML 5Page - Analog Devices OP491 Datasheet HTML 6Page - Analog Devices OP491 Datasheet HTML 7Page - Analog Devices OP491 Datasheet HTML 8Page - Analog Devices OP491 Datasheet HTML 9Page - Analog Devices OP491 Datasheet HTML 10Page - Analog Devices OP491 Datasheet HTML 11Page - Analog Devices OP491 Datasheet HTML 12Page - Analog Devices OP491 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 9 of 88
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
52 51 50 49 48
43 42 41 40
47 46 45 44
14 15 16 17 18 19 20 21 22 23 24 25 26
1
2
3
4
5
6
7
8
9
10
11
13
12
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
39
38
37
36
35
34
33
32
31
30
29
28
27
P1.0/ADC0/T2
P1.1/ADC1/T2EX
P1.2/ADC2
P1.3/ADC3
AVDD
AGND
CREF
VREF
DAC0
DAC1
P1.4/ADC4
P1.5/ADC5/SS
P1.6/ADC6
P2.7/PWM1/A15/A23
P2.6/PWM0/A14/A22
P2.5/A13/A21
P2.4/A12/A20
DGND
DVDD
XTAL2
XTAL1
P2.3/A11/A19
P2.2/A10/A18
P2.1/A9/A17
P2.0/A8/A16
SDATA/MOSI
ADuC841/ADuC842/ADuC843
52-LEAD PQFP
*EXTCLK NOT PRESENT ON THE ADuC841
Figure 3. 52-Lead PQPF
P1.1/ADC1/T2EX
P1.2/ADC2
P1.3/ADC3
AVDD
AVDD
AGND
AGND
AGND
CREF
VREF
DAC0
DAC1
P1.4/ADC4
P1.5/ADC5/SS
P2.7/A15/A23
P2.6/A14/A22
P2.5/A13/A21
P2.4/A12/A20
DGND
DGND
DVDD
XTAL1
P2.3/A11/A19
P2.2/A10/A18
P2.1/A9/A17
P2.0/A8/A16
SDATA/MOSI
14
1
2
3
4
5
6
7
8
9
10
11
13
12
42
41
40
39
38
37
36
35
34
33
32
31
30
29
PIN 1
IDENTIFIER
XTAL2
TOP VIEW
(Not to Scale)
ADuC841/ADuC842/ADuC843
56-LEAD CSP
*EXTCLK NOT PRESENT ON THE ADuC841
Figure 4. 56-Lead CSP
Table 3. Pin Function Descriptions
Mnemonic
Type
Function
DVDD
P
Digital Positive Supply Voltage. 3 V or 5 V nominal.
AVDD
P
Analog Positive Supply Voltage. 3 V or 5 V nominal.
CREF
I/O
Decoupling Input for On-Chip Reference. Connect a 0.47 µF capacitor between this pin and AGND.
VREF
NC
Not connected. This was reference out on the ADuC812; the CREF pin should be used instead.
AGND
G
Analog Ground. Ground reference point for the analog circuitry.
P1.0–P1.7
I
Port 1 is an 8-bit input port only. Unlike other ports, Port 1 defaults to analog input mode. To configure any of
these port pins as a digital input, write a 0 to the port bit.
ADC0–ADC7
I
Analog Inputs. Eight single-ended analog inputs. Channel selection is via ADCCON2 SFR.
T2
I
Timer 2 Digital Input. Input to Timer/Counter 2. When enabled, Counter 2 is incremented in response to a 1-to-0
transition of the T2 input.
T2EX
I
Digital Input. Capture/reload trigger for Counter 2; also functions as an up/down control input for Counter 2.
SS
I
Slave Select Input for the SPI Interface.
SDATA
I/O
User Selectable, I2C Compatible, or SPI Data Input/Output Pin.
SCLOCK
I/O
Serial Clock Pin for I2C Compatible or for SPI Serial Interface Clock.
MOSI
I/O
SPI Master Output/Slave Input Data I/O Pin for SPI Interface.
MISO
I/O
SPI Master Input/Slave Output Data I/O Pin for SPI Serial Interface.
DAC0
O
Voltage Output from DAC0. This pin is a no connect on the ADuC843.
DAC1
O
Voltage Output from DAC1. This pin is a no connect on the ADuC843.
RESET
I
Digital Input. A high level on this pin for 24 master clock cycles while the oscillator is running resets the device.


Similar Part No. - OP491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP491 AD-OP491 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
OP491 AD-OP491 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP491G AD-OP491G Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP491GBC AD-OP491GBC Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
OP491GBC AD-OP491GBC Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
More results

Similar Description - OP491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-5 AD-ADUC841BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
EVAL-ADUC831QSZ AD-EVAL-ADUC831QSZ Datasheet
1Mb / 76P
   MicroConverter짰, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU
REV. 0
ADUC842BSZ62-5 AD-ADUC842BSZ62-5 Datasheet
838Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842BSZ62-3 AD-ADUC842BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841 AD-ADUC841_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC843 AD-ADUC843_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC841 AD-ADUC841 Datasheet
903Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC842 AD-ADUC842_15 Datasheet
908Kb / 88P
   MicroConverter 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
Rev. 0
ADUC832BSZ AD-ADUC832BSZ Datasheet
48Kb / 3P
   MicroConverter짰, Multi-Channel 12-bit ADCs and DACs with Embedded FLASH MCU
REV. B.1 November/2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com