Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUFA76619D3 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # HUFA76619D3
Description  18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HUFA76619D3 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  HUFA76619D3 Datasheet HTML 1Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 2Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 3Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 4Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 5Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 6Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 7Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 8Page - Fairchild Semiconductor HUFA76619D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
HUFA76619D3, HUFA76619D3S Rev. B
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
OFF STATE SPECIFICATIONS
Drain to Source Breakdown Voltage
BVDSS
ID = 250µA, VGS = 0V (Figure 12)
100
-
-
V
ID = 250µA, VGS = 0V , TC = -40
oC (Figure 12)
95
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = 95V, VGS = 0V
-
-
1
µA
VDS = 90V, VGS = 0V, TC = 150
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±16V
-
-
±100
nA
ON STATE SPECIFICATIONS
Gate to Source Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA (Figure 11)
1
-
3
V
Drain to Source On Resistance
rDS(ON)
ID = 18A, VGS = 10V (Figures 9, 10)
-
0.065
0.085
ID = 12A, VGS = 5V (Figure 9)
-
0.072
0.087
ID = 12A, VGS = 4.5V (Figure 9
-
0.074
0.089
THERMAL SPECIFICATIONS
Thermal Resistance Junction to Case
RθJC
TO-251AA, TO-252AA
-
-
2.0
oC/W
Thermal Resistance Junction to
Ambient
RθJA
-
-
100
oC/W
SWITCHING SPECIFICATIONS (VGS = 4.5V)
Turn-On Time
tON
VDD = 50V, ID = 12A
VGS = 4.5V, RGS = 12Ω
(Figures 15, 21, 22)
-
-
137
ns
Turn-On Delay Time
td(ON)
-10-
ns
Rise Time
tr
-82-
ns
Turn-Off Delay Time
td(OFF)
-32-
ns
Fall Time
tf
-42-
ns
Turn-Off Time
tOFF
-
-
111
ns
SWITCHING SPECIFICATIONS (VGS = 10V)
Turn-On Time
tON
VDD = 50V, ID = 18A
VGS = 10V,
RGS = 12Ω
(Figures 16, 21, 22)
-
-
53
ns
Turn-On Delay Time
td(ON)
-6
-
ns
Rise Time
tr
-30-
ns
Turn-Off Delay Time
td(OFF)
-50-
ns
Fall Time
tf
-
52
-
ns
Turn-Off Time
tOFF
-
-
153
ns
GATE CHARGE SPECIFICATIONS
Total Gate Charge
Qg(TOT)
VGS = 0V to 10V
VDD = 30V,
ID = 12A,
Ig(REF) = 1.0mA
(Figures 14, 19, 20)
-24
29
nC
Gate Charge at 5V
Qg(5)
VGS = 0V to 5V
-
13
16
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to 1V
-
0.74
0.89
nC
Gate to Source Gate Charge
Qgs
-2.2
-
nC
Gate to Drain “Miller” Charge
Qgd
-6.7
-
nC
CAPACITANCE SPECIFICATIONS
Input Capacitance
CISS
VDS = 25V, VGS = 0V,
f = 1MHz
(Figure 13)
-
767
-
pF
Output Capacitance
COSS
-
138
-
pF
Reverse Transfer Capacitance
CRSS
-20-
pF
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Source to Drain Diode Voltage
VSD
ISD =12A
-
-
1.25
V
ISD = 6A
-
-
1.0
V
Reverse Recovery Time
trr
ISD = 12A, dISD/dt = 100A/µs
-
-
101
ns
Reverse Recovered Charge
QRR
ISD = 12A, dISD/dt = 100A/µs
-
-
333
nC
HUFA76619D3, HUFA76619D3S


Similar Part No. - HUFA76619D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
VBsemi Electronics Co.,...
HUFA76609D3 VBSEMI-HUFA76609D3 Datasheet
1Mb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
HUFA76609D3S FAIRCHILD-HUFA76609D3S Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3S FAIRCHILD-HUFA76629D3S Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results

Similar Description - HUFA76619D3

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HUF76619D3 FAIRCHILD-HUF76619D3 Datasheet
215Kb / 10P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76619D3 INTERSIL-HUF76619D3 Datasheet
108Kb / 9P
   18A, 100V, 0.087 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUF76633P3 FAIRCHILD-HUF76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76629D3 FAIRCHILD-HUFA76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76629D3 FAIRCHILD-HUF76629D3 Datasheet
203Kb / 10P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Intersil Corporation
HUF76629D3 INTERSIL-HUF76629D3 Datasheet
334Kb / 9P
   20A, 100V, 0.054 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUF76633P3 INTERSIL-HUF76633P3 Datasheet
337Kb / 9P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
logo
Fairchild Semiconductor
HUFA76639P3 FAIRCHILD-HUFA76639P3 Datasheet
219Kb / 10P
   50A, 100V, 0.027 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76609D3 FAIRCHILD-HUFA76609D3 Datasheet
209Kb / 10P
   10A, 100V, 0.165 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
HUFA76633P3 FAIRCHILD-HUFA76633P3 Datasheet
218Kb / 10P
   38A, 100V, 0.036 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com