Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK2788 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SK2788
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2788 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SK2788_11 Datasheet HTML 1Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 2Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 3Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 4Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 5Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 6Page - Renesas Technology Corp 2SK2788_11 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HAT2203C
Preliminary
R07DS0323EJ0500 Rev.5.00
Page 3 of 6
Mar 28, 2011
Main Characteristics
1600
1200
800
400
0
50
100
150
200
-30
-10
-3
-1
-0.3
-0.1
-0.1 -0.3
-0.01
-1
-3
-10 -30 -100
10
8
6
4
2
0
2
468
10
10
8
6
4
2
0
12
34
5
-0.03
-0.01
-100
Ta = 25
°C,1 shot Pulse
When using the FR4 board.
1.5 V
2 V
Tc = 75
°C
25
°C
−25°C
Case Temperature
Ta (
°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
1 ms
PW
=
10
ms
10
μs
10 V
300
200
100
0
24
6
8
10
0.1
10
1
100
100
1000
10
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
400
ID = 2 A
1 A
0.5 A
Pulse Test
VGS = 2.5V
Pulse Test
Operation in
this area is
limited by RDS(on)
2.5 V
Test Conditions:
When using the glass epoxy board
(FR4 40 x 40 x 1.6 mm)
100
μs
3 V
4.5 V
VGS = 1 V
Ta = 25
°C
4.5V
When using the glass epoxy board
(FR4 40 x 40 x 1.6 mm)


Similar Part No. - 2SK2788_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK2788 RENESAS-2SK2788_15 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
More results

Similar Description - 2SK2788_11

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com