Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK03B9DPA Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # RJK03B9DPA
Description  N Channel Power MOS FET High Speed Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK03B9DPA Datasheet(HTML) 2 Page - Renesas Technology Corp

  RJK03B9DPA_13 Datasheet HTML 1Page - Renesas Technology Corp RJK03B9DPA_13 Datasheet HTML 2Page - Renesas Technology Corp RJK03B9DPA_13 Datasheet HTML 3Page - Renesas Technology Corp RJK03B9DPA_13 Datasheet HTML 4Page - Renesas Technology Corp RJK03B9DPA_13 Datasheet HTML 5Page - Renesas Technology Corp RJK03B9DPA_13 Datasheet HTML 6Page - Renesas Technology Corp RJK03B9DPA_13 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RJK03B9DPA
Preliminary
R07DS0932EJ0500 Rev.5.00
Page 2 of 6
Mar 22, 2013
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
30
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
± 0.1
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
A
VDS = 30 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D = 1 mA
RDS(on)
8.3
10.6
m
ID = 15 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
10.9
15.1
m
ID = 15 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
65
S
ID = 15 A, VDS = 10 V
Note4
Input capacitance
Ciss
1110
pF
Output capacitance
Coss
160
pF
Reverse transfer capacitance
Crss
80
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Gate Resistance
Rg
1.2
Total gate charge
Qg
7.4
nC
Gate to source charge
Qgs
3.2
nC
Gate to drain charge
Qgd
1.9
nC
VDD = 10 V
VGS = 4.5 V
ID = 30 A
Turn-on delay time
td(on)
8.8
ns
Rise time
tr
4
ns
Turn-off delay time
td(off)
31
ns
Fall time
tf
4.8
ns
VGS = 10 V, ID = 15 A
VDD  10 V
RL = 0.67 
Rg = 4.7
Body–drain diode forward voltage
VDF
0.88
1.15
V
IF = 30 A, VGS = 0
Note4
Body–drain diode reverse recovery
time
trr
13
ns
IF =30 A, VGS = 0
diF/ dt = 100 A/ s
Notes: 4. Pulse test


Similar Part No. - RJK03B9DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK03B9DPA RENESAS-RJK03B9DPA_10 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
More results

Similar Description - RJK03B9DPA_13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0243DNS RENESAS-RJK0243DNS Datasheet
223Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0394DPA RENESAS-RJK0394DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0365DPA-02 RENESAS-RJK0365DPA-02_13 Datasheet
139Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B7DPA RENESAS-RJK03B7DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03B8DPA RENESAS-RJK03B8DPA_13 Datasheet
106Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0397DPA RENESAS-RJK0397DPA_13 Datasheet
107Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E7DPA RENESAS-RJK03E7DPA_13 Datasheet
123Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03M2DPA RENESAS-RJK03M2DPA Datasheet
161Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK0353DPA RENESAS-RJK0353DPA_13 Datasheet
108Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
RJK03E8DPA RENESAS-RJK03E8DPA_13 Datasheet
124Kb / 7P
   N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com