Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC7083AIKADJ Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # ILC7083AIKADJ
Description  150mA SOT-23 Low Noise CMOS RF-LDO??Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC7083AIKADJ Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button ILC7083AIKADJ Datasheet HTML 6Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 7Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 8Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 9Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 10Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 11Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 12Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 13Page - Fairchild Semiconductor ILC7083AIKADJ Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ILC7083/ILC7084
10
REV. 1.0.9 1/28/03
Evaluation Board Parts List (for Figure 9)
Label
Part Number
Manufacturer
Description
U1
ILC7083AIM5-30
Fairchild Semiconductor
150mA RF LDO™ regulator
J1
69190-405
Berg
Connector, four position header
Cin
GRM40 Y5V 105Z16
muRata
Ceramic capacitor, 1
µF,16V, SMT (size 0805)
Cnoise
ECU-V1H103KBV
Panasonic
Ceramic capacitor, 0.01
µF,16V, SMT (size 0603)
Cout
GRM42-6X5R475K10
muRata
Ceramic capacitor, 4.7
µF,16V, SMT (size 1206)
Grounding Recommendations
1.
Connect CIN between VIN of the ILC7083 and the
“GROUND PLANE”.
2.
Keep the ground side of COUT and CNOISE connected to
the “LOCAL GROUND” and not directly to the
“GROUND PLANE”.
3.
On multilayer boards use component side copper for
grounding around the ILC7083 and connect back to a
“GROUND PLANE” using vias.
4.
If using a DC-DC converter in your design, use a star
grounding system with separate traces for the power
ground and the control signals. The star should radiate
from where the power supply enters the PCB.
Layout Considerations
1.
Place all RF LDO related components; ILC7083, input
capacitor CIN, noise bypass capacitor CNOISE and output
capacitor COUT as close together as possible.
2.
Keep the output capacitor COUT as close to the ILC7083
as possible with very short traces to the VOUT and GND
pins.
3.
The traces for the related components; ILC7083, input
capacitor CIN, noise bypass capacitor CNOISE and output
capacitor COUT can be run with minimum trace widths
close to the LDO.
4.
Maintain a separate “LOCAL GROUND” remote from
the “GROUND PLANE” to ensure a quiet ground near
the LDO.
Figure 9 shows how this circuit can be translated into a PCB
layout.
Recommended Ceramic Output Capacitors
COUT
Capacitor Size
IOUT
Dielectric
Part Number
Capacitor Vendor
1
µF
0805
0 to 150mA
X5R
C2012X5R1A105KT
TDK
0805
X7R
GRM40X7R105K010
muRata
0805
X7R
LMK212BJ105KG
Taiyo-Yuden
1206
X7R
GRM42-6X7R105K016
muRata
1206
X7R
EMK316BJ105KL
Taiyo-Yuden
1206
X5R
TMK316BJ105KL
Taiyo-Yuden
2.2
µF
0805
0 to 150mA
X5R
GRM40X5R225K 6.3
muRata
0805
X5R
C2012X5R0J225KT
TDK
1206
X5R
EMK316BJ225ML
Taiyo-Yuden
4.7
µF
1206
0 to 150mA
X5R
GRM42-6X5R475K010
muRata
1206
X7R
LMK316BJ475ML
Taiyo-Yuden


Similar Part No. - ILC7083AIKADJ

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC708 IMPALA-ILC708 Datasheet
74Kb / 5P
   MP SUPERVISORY CIRCUIT
ILC7080 IMPALA-ILC7080 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7080AIM5 FAIRCHILD-ILC7080AIM5 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
logo
Impala Linear Corporati...
ILC7080AIM5-285 IMPALA-ILC7080AIM5-285 Datasheet
424Kb / 16P
   50/100M SOT-23 CMOS RF LDO REGULATORS
More results

Similar Description - ILC7083AIKADJ

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC7082 IMPALA-ILC7082 Datasheet
333Kb / 16P
   150MA SOT-23 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Fairchild Semiconductor
ILC7082 FAIRCHILD-ILC7082 Datasheet
205Kb / 16P
   150mA SOT-23 Low Noise CMOS RF-LDOTM Regulator
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Impala Linear Corporati...
ILC7071 IMPALA-ILC7071 Datasheet
40Kb / 4P
   100MA SOT-23-5 ULTRA LOW NOISE CMOS RF-LDO REGULATOR
logo
Seaward Electronics Inc...
SE5508 SEAWARD-SE5508 Datasheet
181Kb / 7P
   150mA CMOS Low Noise LDO Voltage Regulator
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com