Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1683STR Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS1683STR
Description  Total-Elapsed-Time and Event Recorder with Alarm
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1683STR Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS1683STR Datasheet HTML 1Page - Maxim Integrated Products DS1683STR Datasheet HTML 2Page - Maxim Integrated Products DS1683STR Datasheet HTML 3Page - Maxim Integrated Products DS1683STR Datasheet HTML 4Page - Maxim Integrated Products DS1683STR Datasheet HTML 5Page - Maxim Integrated Products DS1683STR Datasheet HTML 6Page - Maxim Integrated Products DS1683STR Datasheet HTML 7Page - Maxim Integrated Products DS1683STR Datasheet HTML 8Page - Maxim Integrated Products DS1683STR Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
DS1683
Total-Elapsed-Time and Event Recorder with Alarm
4
Maxim Integrated
Pin Configuration
Pin Description
PIN
NAME
FUNCTION
1
EVENT
Event Input. The EVENT pin controls when the values in the Elapsed Time Counter (ETC) register and
the Event Counter register are incremented. The EVENT pin also determines when the data in these
registers is stored to EEPROM.
2, 7
N.C.
No Connection. These pins are not connected internally.
3
ALARM
Alarm Output. The ALARM pin is an open drain structure, and is set active when an alarm condition is
met. The active state of this pin is controlled by the ALRM POL bit located in the Configuration register.
Once the ALARM pin is active, it will remain active until the alarm condition is cleared and the CLR
ALM bit in the Command register is set.
4
GND
Ground
5
SCL
I2C Serial-Clock Input. The SCL pin is the serial-clock input for the I2C synchronous communications
channel. The SCL pin is an input that requires an external pull-up resistor.
6
SDA
I2C Serial-Data Input/Output. The SDA pin is the data input/output signal for the I2C synchronous com-
munications channel. The SDA pin is an open-drain I/O, which requires an external pullup resistor.
8
VCC
+2.5V to +5.5V Input Supply
EVENT
+
N.C.
ALARM
1
2
3
4
8
7
6
5
GND
VCC
N.C.
SDA
SCL
SO
TOP VIEW
DS1683


Similar Part No. - DS1683STR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683S++ MAXIM-DS1683S+ Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+R MAXIM-DS1683S+R Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
DS1683S+T MAXIM-DS1683S+T Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
More results

Similar Description - DS1683STR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1683 MAXIM-DS1683 Datasheet
1Mb / 21P
   Total-Elapsed-Time and Event Recorder with Alarm
Rev 0; 6/12
logo
Dallas Semiconductor
DS1682 DALLAS-DS1682 Datasheet
77Kb / 13P
   Total Elapsed Time Recorder with Alarm
DS1682 DALLAS-DS1682_13 Datasheet
208Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
logo
Maxim Integrated Produc...
DS1682 MAXIM-DS1682_V01 Datasheet
804Kb / 14P
   Total-Elapsed-Time Recorder with Alarm
19-6835; Rev 2; 11/18
DS1678 MAXIM-DS1678 Datasheet
819Kb / 25P
   Real-Time Event Recorder
100405
DS1602 MAXIM-DS1602 Datasheet
187Kb / 8P
   Elapsed Time Counter
093002
logo
Dallas Semiconductor
DS1602 DALLAS-DS1602 Datasheet
123Kb / 10P
   Elapsed Time Counter
logo
List of Unclassifed Man...
STK17T88 ETC-STK17T88 Datasheet
284Kb / 25P
   nvTime Event Data Recorder 32K x 8 AutoStore nvSRAM With Real-Time Clock
240211ACAB ETC2-240211ACAB Datasheet
1Mb / 4P
   Elapsed Time Meters
logo
Dallas Semiconductor
DS1603 DALLAS-DS1603 Datasheet
104Kb / 8P
   Elapsed Time Counter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com