Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN3122TMX_F085 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FAN3122TMX_F085
Description  Single 9-A High-Speed, Low-Side Gate Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN3122TMX_F085 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN3122TMX_F085 Datasheet HTML 1Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 2Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 3Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 4Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 5Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 6Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 7Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 8Page - Fairchild Semiconductor FAN3122TMX_F085 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN3121 / FAN3122 • Rev. 1.0.2
3
Pin Definitions
FAN3121
FAN3122
Name
Description
3
3
EN
Enable Input
. Pull pin LOW to inhibit driver. EN has logic thresholds for both
TTL and CMOS IN thresholds.
4, 5
4, 5
GND
Ground
. Common ground reference for input and output circuits.
2
2
IN
Input
.
6, 7
OUT
Gate Drive Output
. Held LOW unless required input is present and VDD is
above the UVLO threshold.
6, 7
OUT
Gate Drive Output
(inverted from the input). Held LOW unless required
input is present and VDD is above the UVLO threshold.
1, 8
1, 8
VDD
Supply Voltage
. Provides power to the IC.
P1
Thermal Pad (MLP only)
. Exposed metal on the bottom of the package;
may be left floating or connected to GND; NOT suitable for carrying current.
1
2
3
6
7
8
4
5
VDD
GND
EN
IN
VDD
OUT
GND
OUT
1
2
3
6
7
8
4
5
EN
IN
VDD
GND
VDD
GND
OUT
OUT
Figure 5.
FAN3121 Pin Assignments (Repeated)
Figure 6.
FAN3122 Pin Assignments (Repeated)
Output Logic
FAN3121
FAN3122
EN
IN
OUT
EN
IN
OUT
0
0
0
0
0
(8)
0
0
1
(8)
0
0
1
0
1
(8)
0
1
1
(8)
0
(8)
0
1
(8)
1
(8)
0
1
(8)
1
1
Note:
8.
Default input signal if no external connection is made.


Similar Part No. - FAN3122TMX_F085

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3122TMX_F085 FAIRCHILD-FAN3122TMX_F085_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
More results

Similar Description - FAN3122TMX_F085

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
FAN3100C ONSEMI-FAN3100C Datasheet
1Mb / 21P
   Single 2 A High-Speed, Low-Side Gate Driver
December-2017, Rev . 2
logo
Fairchild Semiconductor
FAN3111 FAIRCHILD-FAN3111_11 Datasheet
1Mb / 18P
   Single 1A High-Speed, Low-Side Gate Driver
logo
Texas Instruments
UCC27517A-Q1 TI1-UCC27517A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver
UCC27511_1209 TI1-UCC27511_1209 Datasheet
1Mb / 32P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_12 Datasheet
1Mb / 20P
   Single 9A High-Speed, Low-Side Gate Driver
FAN3100 FAIRCHILD-FAN3100 Datasheet
886Kb / 19P
   Single 2A High-Speed, Low-Side Gate Driver
FAN3121 FAIRCHILD-FAN3121 Datasheet
1Mb / 21P
   Single 9A High-Speed, Low-Side Gate Driver
logo
ON Semiconductor
FAN3111 ONSEMI-FAN3111 Datasheet
919Kb / 19P
   Single 1A High-Speed, Low-Side Gate Driver
January 2015 Rev. 1.6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com