Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV7360 Datasheet(PDF) 7 Page - Supertex, Inc

Part # HV7360
Description  High Speed, 100V 2.5A, Two or Three Level Ultrasound Pulser
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV7360 Datasheet(HTML) 7 Page - Supertex, Inc

  HV7360 Datasheet HTML 1Page - Supertex, Inc HV7360 Datasheet HTML 2Page - Supertex, Inc HV7360 Datasheet HTML 3Page - Supertex, Inc HV7360 Datasheet HTML 4Page - Supertex, Inc HV7360 Datasheet HTML 5Page - Supertex, Inc HV7360 Datasheet HTML 6Page - Supertex, Inc HV7360 Datasheet HTML 7Page - Supertex, Inc HV7360 Datasheet HTML 8Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
HV7360
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
Pad Description (cont.)
Pad
Location
Name
Function
P4
SN2
Source of N-FET2, negative high voltage power supply (0 to -100V) or GND
P5
NC
Do not connect
P6
SP1
Source of P-FET1, positive high voltage power supply (0 to +100V)
P7
DP1
Drain of P-FET1, transmit pulser output
P8
DN1
Drain of N-FET1, transmit pulser output
P9
SN1
Source of N-FET1, negative high voltage power supply (0 to -100V)
Pad Configuration
(Top View)
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
4.0mm
3.50mm
2.00mm
0.50mm
0.50mm
0.50mm
5.0mm
7.0mm


Similar Part No. - HV7360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7360 MICROCHIP-HV7360 Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
HV7360GA-G MICROCHIP-HV7360GA-G Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
More results

Similar Description - HV7360

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HV7360 MICROCHIP-HV7360 Datasheet
611Kb / 18P
   High-Speed 짹100V 2.5A Two-or-Three-Level Ultrasound Pulsers
07/14/15
logo
Supertex, Inc
HV746 SUTEX-HV746 Datasheet
601Kb / 7P
   Dual High Speed 짹75V 2.5A Ultrasound Pulser
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
MD1716 SUTEX-MD1716 Datasheet
802Kb / 8P
   Three Channel, Three Level, High Speed Ultrasound Driver IC
HV758 SUTEX-HV758 Datasheet
656Kb / 7P
   Quad High Speed 짹90V 2.2A Ultrasound Pulser
HV732 SUTEX-HV732 Datasheet
332Kb / 10P
   High Speed 짹100V 2A Integrated Ultrasound Pulser
HV738 SUTEX-HV738 Datasheet
587Kb / 7P
   Quad High Speed 짹65V 750mA Ultrasound Pulser
HV748 SUTEX-HV748 Datasheet
581Kb / 7P
   Quad High Speed 짹75V 1.25A Ultrasound Pulser
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
logo
Supertex, Inc
HV732DB1 SUTEX-HV732DB1 Datasheet
802Kb / 8P
   High Speed 짹100V 2A Integrated Ultrasound Pulser Demo Board
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com