Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4742A Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # 1N4742A
Description  One Watt Zeners
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

1N4742A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  1N4742A Datasheet HTML 1Page - Fairchild Semiconductor 1N4742A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Device
VZ
(V)
ZZ
(
Ω)
IZT
(mA)
ZZK
(
Ω)
IZK
(mA)
VR
(V)
IR
(
µA)
ISURGE
(mA)
IZM
(mA)
1N4728A
1N4729A
1N4730A
1N4731A
3.3
3.6
3.9
4.3
10
10
9.0
9.0
76
69
64
58
400
400
400
400
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
100
100
50
10
1,380
1,260
1,190
1,070
276
252
234
217
1N4732A
1N4733A
1N4734A
1N4735A
4.7
5.1
5.6
6.2
8.0
7.0
5.0
2.0
53
49
45
41
500
550
600
700
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
10
10
10
10
970
890
810
730
193
178
162
146
1N4736A
1N4737A
1N4738A
1N4739A
6.8
7.5
8.2
9.1
3.5
4.0
4.5
5.0
37
34
31
28
700
700
700
700
1.0
0.5
0.5
0.5
4.0
5.0
6.0
7.0
10
10
10
10
660
605
550
500
133
121
110
100
1N4740A
1N4741A
1N4742A
1N4743A
1N4744A
10
11
12
13
15
7.0
8.0
9.0
10
14
25
23
21
19
17
700
700
700
700
700
0.25
0.25
0.25
0.25
0.25
7.6
8.4
9.1
9.9
11.4
10
5.0
5.0
5.0
5.0
454
414
380
344
304
91
83
76
69
61
1N4745A
1N4746A
1N4747A
1N4748A
16
18
20
22
16
20
22
23
15.5
14
12.5
11.5
700
750
750
750
0.25
0.25
0.25
0.25
12.2
13.7
15.2
16.7
5.0
5.0
5.0
5.0
285
250
225
205
57
50
45
41
1N4749A
1N4750A
1N4751A
1N4752A
24
27
30
33
25
35
40
45
10.5
9.5
8.5
7.5
750
750
1,000
1,000
0.25
0.25
0.25
0.25
18.2
20.6
22.8
25.1
5.0
5.0
5.0
5.0
190
170
150
135
38
34
30
27
VF Foward Voltage = 1.2 V Maximum @ IF = 200 mA for all 1N4700 series
1N4728A - 1N4752A Series One Watt Zeners
Absolute Maximum Ratings*
TA = 25°C unless otherwise noted
Tolerance: A = 5%
Electrical Characteristics
TA = 25°C unless otherwise noted
@
@
@
NOTES:
1) These ratings are based on a maximum junction temperature of 200 degrees C.
2) These are steady state limits. The factory should be consulted on applications involving pulsed
or low duty cycle operations.
*These ratings are limiting values above which the serviceability of the diode may be impaired.
**Non-recurrent square wave PW= 8.3 ms, TA= 55 degrees C.
Pa r a m e te r
V a lue
U n its
S torage T e m p e rature R ange
-65 to + 200
°C
M a x im u m Junc tion O perating T e m perature
+ 200
°C
Lead T e m perat ure (1 /16” from case fo r 10 sec onds)
+ 230
°C
T o ta l D e v ice D issipatio n
D e ra te abov e 5 0
°C
1.0
6.67
W
mW /
°C
T herm a l re sista n ce Junction to Lead
53.5
°C/W
T herm a l re sista n ce Junction to A m bient
100
°C/W
Su rg e Po w e r* *
1 0
W
DO-41
©1997 Fairchild Semiconductor Corporation
1N4700A Rev. B


Similar Part No. - 1N4742A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4742A VISHAY-1N4742A Datasheet
117Kb / 5P
   Zener Diodes
Rev. 1.8, 22-Feb-06
logo
Anova Technologies CO.,...
1N4742A ANOVA-1N4742A Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
NXP Semiconductors
1N4742A PHILIPS-1N4742A Datasheet
31Kb / 6P
   Voltage regulator diodes
1996 Apr 26
logo
Vishay Siliconix
1N4742A VISHAY-1N4742A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
List of Unclassifed Man...
1N4742A ETC1-1N4742A Datasheet
16Kb / 1P
   Zener Diodes
More results

Similar Description - 1N4742A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
1N4728A FAIRCHILD-1N4728A Datasheet
33Kb / 2P
   Series One Watt Zeners
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
   Half Watt Zeners
logo
Fairchild Semiconductor
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
   Half Watt Zeners
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
   POWER ZENERS 5 WATT
logo
New Jersey Semi-Conduct...
UZ706 NJSEMI-UZ706 Datasheet
120Kb / 2P
   POWER ZENERS 3 Watt
logo
Digitron Semiconductors
UZ7706 DIGITRON-UZ7706 Datasheet
117Kb / 2P
   6 WATT POWER ZENERS
UZ4706 DIGITRON-UZ4706 Datasheet
143Kb / 2P
   5 WATT POWER ZENERS
logo
Fairchild Semiconductor
BZX79C FAIRCHILD-BZX79C Datasheet
22Kb / 2P
   Series Half Watt Zeners
logo
New Jersey Semi-Conduct...
UZ806 NJSEMI-UZ806 Datasheet
131Kb / 3P
   POWER ZENERS 6 Watt, Military, 10 Watt Military
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com