Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5544JCV-75.0M-T250 Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # SM5544JCV-75.0M-T250
Description  SM55J Series 2.5 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544JCV-75.0M-T250 Datasheet(HTML) 3 Page - Pletronics, Inc.

  SM5544JCV-75.0M-T250 Datasheet HTML 1Page - Pletronics, Inc. SM5544JCV-75.0M-T250 Datasheet HTML 2Page - Pletronics, Inc. SM5544JCV-75.0M-T250 Datasheet HTML 3Page - Pletronics, Inc. SM5544JCV-75.0M-T250 Datasheet HTML 4Page - Pletronics, Inc. SM5544JCV-75.0M-T250 Datasheet HTML 5Page - Pletronics, Inc. SM5544JCV-75.0M-T250 Datasheet HTML 6Page - Pletronics, Inc. SM5544JCV-75.0M-T250 Datasheet HTML 7Page - Pletronics, Inc. SM5544JCV-75.0M-T250 Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SM55J Series 2.5 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
3
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Min
Typ
Max
Unit
Condition
Frequency Range
40
135
MHz
Frequency Accuracy
45"
-50
+50
ppm
For all supply voltages, load changes,
aging for 1 year, shock, vibration and
temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
CMOS
CC
Output High Level
V -0.4
-
V
Output Low Level
-
0.4
V
CC
Output Symmetry
45
55
%
at 50% point of V
(See load circuit)
Phase Noise
80
dBc/Hz
at 25 C, 125 MHz
o
105
dBc/Hz
130
dBc/Hz
145
dBc/Hz
155
dBc/Hz
158
dBc/Hz
160
dBc/Hz
Enable/Disable Internal Pull-up
CC
30
-
Kohm
to V
CC
V disable
-
30
%
of V
applied to pad 1
V enable
70
-
%
OUT
CC
Output leakage
V
= V
-10
+10
uA
Pad 1 low, device disabled
OUT
V
= 0V
-10
+10
uA
CC
Standby Current I
-
10
uA
Disable time
-
200
nS
Time for output to reach a high Z state
Start up time
-
10
mS
Time for output to reach specified
frequency
Operating Temperature
Range
-10
+70
C
Standard Temperature Range
o
-20
+70
C
o
Extended Temperature Range
C
-40
+85
C
o
Extended Temperature Range
E
Storage Temperature Range
-55
+125
C
o
Output Load Capacitance (Cl)
-
15
pF
A 0.01 nF or larger capacitor mounted proximal to the device between Vcc and Vss is required.


Similar Part No. - SM5544JCV-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5544JCV-75.0M-T250 PLETRONICS-SM5544JCV-75.0M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
More results

Similar Description - SM5544JCV-75.0M-T250

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545JX-750M-T250 PLETRONICS-SM5545JX-750M-T250 Datasheet
876Kb / 8P
   SM55J Series 1.8 V CMOS Clock Oscillators
SM5545JV-750M-T250 PLETRONICS-SM5545JV-750M-T250 Datasheet
877Kb / 8P
   SM55J Series 3.3 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7645DEW PLETRONICS-SM7645DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745GEW PLETRONICS-SM7745GEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SQ3345DESW PLETRONICS-SQ3345DESW Datasheet
135Kb / 7P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com