Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5520GCX-75.0MT1K Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM5520GCX-75.0MT1K
Description  SM55G Series 1.8 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5520GCX-75.0MT1K Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM5520GCX-75.0MT1K Datasheet HTML 1Page - Pletronics, Inc. SM5520GCX-75.0MT1K Datasheet HTML 2Page - Pletronics, Inc. SM5520GCX-75.0MT1K Datasheet HTML 3Page - Pletronics, Inc. SM5520GCX-75.0MT1K Datasheet HTML 4Page - Pletronics, Inc. SM5520GCX-75.0MT1K Datasheet HTML 5Page - Pletronics, Inc. SM5520GCX-75.0MT1K Datasheet HTML 6Page - Pletronics, Inc. SM5520GCX-75.0MT1K Datasheet HTML 7Page - Pletronics, Inc. SM5520GCX-75.0MT1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55G Series 1.8 V
CMOS Clock Oscillators
April 2010
www.pletronics.com
425-776-1880
4
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M
Electrical Specification for 1.80V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
1.5
3
nS
< 35 MHz
C
LOAD = 15 pF
20% to 80% of V
CC
See Load Circuit
1.7
3.5
nS
> 35 MHz and < 70 MHz
1.5
2.5
nS
> 70 MHz
4
7
nS
< 35 MHz
C
LOAD = 30 pF
20% to 80% of V
CC
See Load Circuit
27
nS
> 35 MHz < 70 MHz
6
12
nS
< 35 MHz
C
LOAD = 50 pF
20% to 80% of V
CC
See Load Circuit
611
nS
> 35 MHz and < 45 MHz
V
CC Supply Current (ICC)2
4
mA
< 8 MHz
C
LOAD = 15 pF
2.5
5
mA
> 8 MHz and < 16 MHz
58
mA
> 16 MHz and < 35 MHz
-18
mA
> 35 MHz and < 70 MHz
17
27
mA
> 70 MHz and < 120 MHz
23
37
mA
> 120 MHz
2.5
4.5
mA
< 8 MHz
C
LOAD = 30 pF
35
mA
> 8 MHz and < 16 MHz
48
mA
> 16 MHz and < 35 MHz
10
20
mA
> 35 MHz and < 70 MHz
2.5
4
mA
< 8 MHz
C
LOAD = 50 pF
46
mA
> 8 MHz and < 16 MHz
59
mA
> 16 MHz and < 35 MHz
13
23
mA
> 35 MHz and < 45 MHz
Specifications with Pad 1 E/D open circuit
NOTE: Not specified for 50 pF loads above 45 MHz, or 30 pF loads above 70 MHz
Typical phase noise plot for 5 oscillators at different output frequencies.


Similar Part No. - SM5520GCX-75.0MT1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5520GCV-75.0M-T1K PLETRONICS-SM5520GCV-75.0M-T1K Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5520GCV-75.0M-T250 PLETRONICS-SM5520GCV-75.0M-T250 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5520GCV-75.0M-T500 PLETRONICS-SM5520GCV-75.0M-T500 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
More results

Similar Description - SM5520GCX-75.0MT1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545GV-750M-T250 PLETRONICS-SM5545GV-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 3.3 V CMOS Clock Oscillators
SM5545GW-750M-T250 PLETRONICS-SM5545GW-750M-T250 Datasheet
111Kb / 8P
   SM55G Series 2.5 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745GEX PLETRONICS-SM7745GEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545GEX PLETRONICS-SM5545GEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM5545MEX PLETRONICS-SM5545MEX Datasheet
151Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7645DEX PLETRONICS-SM7645DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
logo
List of Unclassifed Man...
SM77D ETC1-SM77D Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com