Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5544TEZ-50.0M-T1K Datasheet(PDF) 4 Page - Pletronics, Inc.

Part # SM5544TEZ-50.0M-T1K
Description  SM55TZ Series 0.8-2.0 V CMOS Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM5544TEZ-50.0M-T1K Datasheet(HTML) 4 Page - Pletronics, Inc.

  SM5544TEZ-50.0M-T1K Datasheet HTML 1Page - Pletronics, Inc. SM5544TEZ-50.0M-T1K Datasheet HTML 2Page - Pletronics, Inc. SM5544TEZ-50.0M-T1K Datasheet HTML 3Page - Pletronics, Inc. SM5544TEZ-50.0M-T1K Datasheet HTML 4Page - Pletronics, Inc. SM5544TEZ-50.0M-T1K Datasheet HTML 5Page - Pletronics, Inc. SM5544TEZ-50.0M-T1K Datasheet HTML 6Page - Pletronics, Inc. SM5544TEZ-50.0M-T1K Datasheet HTML 7Page - Pletronics, Inc. SM5544TEZ-50.0M-T1K Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM55TZ Series 0.8-2.0 V
CMOS Clock Oscillators
March 2013
www.pletronics.com
425-776-1880
4
Electrical Specification for 0.80-2.00V over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
1.3
3.0
nS
Vcc = 1.1 to 2.0V
C
LOAD = 15 pF
20% to 80% of V
CC
See Load Circuit
1.7
4.0
nS
Vcc = 0.8 to 1.1V
V
CC Supply Current (ICC)
Output frequency:
48.0 MHz
1.7
2.6
mA
Vcc = 1.5V
1.3
2.0
mA
Vcc = 1.2V
0.9
1.4
mA
Vcc = 0.9V
V
CC Supply Current (ICC)
Output frequency:
0.75 MHz
1.1
1.7
mA
Vcc = 1.5V
0.8
1.2
mA
Vcc = 1.2V
0.5
0.8
mA
Vcc = 0.9V
Specifications with Pad 1 E/D open circuit


Similar Part No. - SM5544TEZ-50.0M-T1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5544TE PLETRONICS-SM5544TE Datasheet
151Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5544TEV PLETRONICS-SM5544TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5544TEV-75.0M-T1K PLETRONICS-SM5544TEV-75.0M-T1K Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5544TEV-75.0M-T250 PLETRONICS-SM5544TEV-75.0M-T250 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
SM5544TEV-75.0M-T500 PLETRONICS-SM5544TEV-75.0M-T500 Datasheet
111Kb / 8P
   SM55T Series 3.3 V CMOS Clock Oscillators
More results

Similar Description - SM5544TEZ-50.0M-T1K

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
SM7745HEW PLETRONICS-SM7745HEW Datasheet
109Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545MEW PLETRONICS-SM5545MEW Datasheet
150Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545GEW PLETRONICS-SM5545GEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEW PLETRONICS-SM5545TEW Datasheet
151Kb / 8P
   2.5 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745MEX PLETRONICS-SM7745MEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com