Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SML-P12MTT86 Datasheet(PDF) 9 Page - Texas Instruments

Part # SML-P12MTT86
Description  evaluation of the features of the TAS5548 PWM digital audio processor.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SML-P12MTT86 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SML-P12MTT86 Datasheet HTML 5Page - Texas Instruments SML-P12MTT86 Datasheet HTML 6Page - Texas Instruments SML-P12MTT86 Datasheet HTML 7Page - Texas Instruments SML-P12MTT86 Datasheet HTML 8Page - Texas Instruments SML-P12MTT86 Datasheet HTML 9Page - Texas Instruments SML-P12MTT86 Datasheet HTML 10Page - Texas Instruments SML-P12MTT86 Datasheet HTML 11Page - Texas Instruments SML-P12MTT86 Datasheet HTML 12Page - Texas Instruments SML-P12MTT86 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DM
DP
CDATO
PUR
CSYNC
CSCLK
P3.0
DATA+
DATA-
VALID
MCLK01
SDA
SCL
LRCLK
SDIN1
SDOUT
LIN-
LIN+
RIN+
RIN-
OUTL
HPL
OUTR
HPR
INL+
INL-
INR+
INR-
SCLK
XTALI
R3
0402
27.4
R4
0402
27.4
C2
0402
47pfd/50V
C1
0402
47pfd/50V
R7
0402
4.99K
R8
0402
4.99K
GND
GND
GND
GND
GND
GND
GND
C51
0402 X7R
0.1ufd/16V
GND
C52
0402 X7R
0.1ufd/16V
GND
C53
0402 X7R
0.1ufd/16V
GND
R1
0402 1/16W
15.0K
MMBT2222A
Q1
SOT23-DBV3
40V,1A
C
E
B
R2
0402
1.50K
GND
C50
0603 X5R
10.0ufd/10V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+3.3V
+5V-USB
+3.3V
GND
U2
TAS1020BPFB
TQFP48-PFB
36
35
34
33
32
31
30
29
28
27
26
25
21
16
23
24
22
20
19
18
17
15
14
13
48
47
46
45
44
43
42
41
40
39
37
38
7
8
9
10
11
12
6
5
4
3
2
1
C7
0402 X7R
1000pfd/16V
R11
0402
3.09K
24LC256-I/MS
1
2
3
4
5
6
7
8
U4
MSOP8-MS
GND
R5
0402
10.0K
+3.3V
+3.3V
R6
0402
10.0K
+3.3V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
29
U1
TAS5548DCA
HTSSOP56-DCA
GND
C11
0402 X7R
4700pfd/25V
R20
0402
470
C12
0402 X7R
0.047ufd/16V
C13
0402 X7R
4700pfd/25V
R21
0402
470
C14
0402 X7R
0.047ufd/16V
R22
0402 1/16W
15.0K
GND
GND
C16
0402 X7R
0.1ufd/16V
GND
C15
0603 X5R
10.0ufd/10V
+3.3V
GND
C19
0402 X7R
0.1ufd/16V
GND
+3.3V
C17
0402 COG
33pfd/50V
C18
0402 COG
33pfd/50V
Y2
ABM8G
12.288 MHz
R23
0402
1.0M
GND
R13
0402
47.0
R16
0402
47.0
R15
0402
47.0
C20
0603 X5R
10.0ufd/10V
C21
0402 X7R
0.1ufd/16V
GND
GND
GND
+5V-USB
GND
GND
GND
C3
0402 X5R
1.0ufd/10V
R10
0402
1.0M
GND
R14
0402
47.0
USB LOCK
0402
Blue/2.9V
R12
0402
511
R9
0402
100K
C54
0402 X7R
0.1ufd/16V
GND
+3.3V
C55
0402 X7R
0.1ufd/16V
GND
+3.3V
R18
0402
0.0
GND
R17
0402
0.0
GND
C6
0402 NPO
100pfd/50V
1
2
3
4
5
USB-IN
MICRO B
Data+
GND
ID_NC
5v
Data-
Case
FB1
0603
220ohms/2A
FB2
0603
220ohms/2A
R19
0402
360
+3.3V
GND
3.3V
0402
Red/2.0V
C25
0402 X7R
0.1ufd/16V
GND
C24
0603 X5R
10.0ufd/10V
GND
+3.3V
R27
0402
360
GND
VALID
0402
Green/2.1V
C22
0402 X7R
0.1ufd/16V
GND
C23
0402 X7R
0.1ufd/16V
GND
+3.3V
GND
R24
0402
47.0
R25
0402
47.0
GND
1
2
J1
2mm
+3.3V
GND
1mm
11
10
9
8
7
6
5
4
3
2
1
PWM
TPA6138A2PW
U3
14
13
12
11
10
9
8
7
6
5
4
3
2
1
TSSOP14-PW
C42
0402 X5R
1.0ufd/10V
C43
0402 X5R
1.0ufd/10V
GND
GND
GND
C41
0402 X5R
1.0ufd/10V
GND
+3.3V
R30
0402
30.0K
R31
0402
30.0K
R32
0402
30.0K
R33
0402
30.0K
R35
0402
43.0K
R34
0402
30.0K
C36
0402
47pfd/50V
C34
0402 NPO
180pfd/50V
R40
0402
10
C40
0402 X7R
1000pfd/16V
GND
R41
0402
10
C44
0402 X7R
1000pfd/16V
GND
R36
0402
43.0K
C37
0402
47pfd/50V
GND
R37
0402
43.0K
C38
0402
47pfd/50V
GND
C35
0402 NPO
180pfd/50V
R38
0402
43.0K
R39
0402
30.0K
C39
0402
47pfd/50V
C60
0603 X5R
10.0ufd/10V
C61
0603 X5R
10.0ufd/10V
C62
0603 X5R
10.0ufd/10V
C63
0603 X5R
10.0ufd/10V
SDA
SCL
SDIN1
SCLK
LRCLK
SDOUT
MCLK
+5V-USB
+3.3V
10.0K
0402
R26
0.1ufd/16V
0402 X7R
C4
GND
6.0MHz/3.3V
SMT-625
1
2
3
4
OSC1
GND
OE
OUT
Vcc
GND
+3.3V
+3.3V
GND
GND
GND
GND
+3.3V
0.0
0603
R28
HTSSOP56-DCA
U1
TAS5548DCA
PowerPAD
GND
TPS73533DRV
VR1
SON6-DRV
PowerPAD
1.0ufd/16V
0603 X7R
C5
VR1
TPS73533DRV
6
SON6-DRV
4
1
2
5
3
C8
0402 X7R
0.01ufd/16V
C9
0603 X7R
2.2ufd/10V
3.5mm
HPOUT
LEFT
RIGHT
2
1
3
GND
TAS5548EVM_RevB.sbk
SEPTEMBER 19, 2012
TUAN LUU
B
B
3
LDN
SCH REV
PCB REV
SHEET
DRAWN BY
OF
DATE
FILENAME
TI PAGEINFO:
DESIGN LEAD
GROUND
TESTPOINTS
5V to 3.3V LDO
4+
4-
GND
3-
3+
7+
7-
GND
GND
8-
8+
DNP
DNP
DNP
DECOUPLING
MAIN SCHEMATIC
1
TAS5548DCA EVALUATION BOARD
HEAD
PHONE
OUTPUT
www.ti.com
Board Layouts, Schematic, and Bill of Materials
5.2
TAS5548EVM Schematic
Figure 11. TAS5548EVM Schematic
9
SLOU351B – October 2012 – Revised August 2013
TAS5548-5558EVM
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated


Similar Part No. - SML-P12MTT86

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P12MT ROHM-SML-P12MT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   Ultra compact
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P12MT ROHM-SML-P12MT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P12MT ROHM-SML-P12MT Datasheet
919Kb / 11P
   Ultra compact, thin size 1.0x0.6mm
More results

Similar Description - SML-P12MTT86

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SCF5250EC NXP-SCF5250EC Datasheet
1Mb / 56P
   This section provides brief descriptions of the features of the SCF5250 processor
Rev. 1.3, 07/2006
logo
Freescale Semiconductor...
MC908GZ60CFUE FREESCALE-MC908GZ60CFUE Datasheet
2Mb / 352P
   Standard features, Features of the CPU08
logo
Maxim Integrated Produc...
DS28E80EVKIT MAXIM-DS28E80EVKIT Datasheet
5Mb / 28P
   Demonstrates the Features of the DS28E80 IC
Rev 0; 11/14
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
   The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Maxim Integrated Produc...
MAXQ1065EVKIT MAXIM-MAXQ1065EVKIT Datasheet
5Mb / 9P
   Demonstrates the Features of the MAXQ1065 Socket Board
Rev 2; 6/21
MAX34451EVKIT MAXIM-MAX34451EVKIT Datasheet
4Mb / 31P
   Easy Evaluation of the MAX34451
Rev 0; 5/13
MAX31343SHLD MAXIM-MAX31343SHLD Datasheet
2Mb / 11P
   Easy Evaluation of the MAX31343
319-100521; Rev 1; 5/20
MAX35103EVKIT MAXIM-MAX35103EVKIT Datasheet
3Mb / 22P
   Easy Evaluation of the MAX35103
Rev 0; 3/15
MAX34409EVKIT MAXIM-MAX34409EVKIT Datasheet
1Mb / 11P
   Easy Evaluation of the MAX34409
Rev 0; 4/13
MAX33071ESHLD MAXIM-MAX33071ESHLD Datasheet
676Kb / 9P
   Easy Evaluation of the MAX33071E
Rev 0; 3/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com