Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC5062M46X Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # ILC5062M46X
Description  SOT-23 Power Supply reset Monitor with 1% precision
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5062M46X Datasheet(HTML) 2 Page - Fairchild Semiconductor

  ILC5062M46X Datasheet HTML 1Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 2Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 3Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 4Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 5Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 6Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 7Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 8Page - Fairchild Semiconductor ILC5062M46X Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev. 2.2 8/14/02
2
PRODUCT SPECIFICATION
ILC5062
Absolute Maximum Ratings
Electrical Characterisitcs ILC5062 (TA=25°C)
Note1: An additional resistor between the VIN pin and supply voltage may cause deterioration of the characteristics due to
increasing of VDR.
Note2: Vout=Gnd when 1V< VIN <1.5V
Note3: Iout < 10uA when VIN <1V
Parameter
Symbol
Ratings
Units
Input Voltage
VIN
12
V
Output Current
IOUT
50
mA
Output Voltage
VOUT
VSS-0.3~VIN=+0.3
V
Continuous Total
Power Dissipation (SOT-23)
PD
150
mW
Operating Ambient Temperature
Topr
-30~+80
°C
Storage Temperature
Tstg
-40~+125
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Detect Fail Voltage
VDF
A grade
VDF X 0.99
VDF
VDF X 1.01
V
Detect Fail Voltage
VDF
Standard grade
VDF X 0.98
VDF
VDF X 1.02
V
Hysteresis Range
VHYS
VDF X 0.02
VDF X 0.05
VDF X 0.08
V
Supply Current
ISS
VIN = 1.5V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
0.9
1.0
1.3
1.6
2.0
2.6
3.0
3.4
3.8
4.2
µA
Operating Voltage
VIN
VDF = 2.1 ~ 6.0V
1.5
10.0
V
Output Current
IOUT
N-ch VDS = 0.5V
VIN = 1.0V
VIN = 2.0V
VIN = 3.0V
VIN = 4.0V
VIN = 5.0V
P-Ch VDS = 2.1V
VIN = 8V
2.2
7.7
10.1
11.5
13.0
-10
mA
Temperature Characteristics
∆V
DF/(∆Topr•VDF)
-30°C < Topr < 80°C
-200
±100
+200
ppm/°C
Delay Time (Release
Voltage
Output Inversion)
tDLY
(VDR to VOUT
Inversion)
0.1
ms


Similar Part No. - ILC5062M46X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5062M-26 IMPALA-ILC5062M-26 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-27 IMPALA-ILC5062M-27 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-28 IMPALA-ILC5062M-28 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-29 IMPALA-ILC5062M-29 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
ILC5062M-31 IMPALA-ILC5062M-31 Datasheet
520Kb / 6P
   ST-23 POWER SUPPLY RESET MONITOR WITH COMPLEMENTARY CMOS OUTPUT
More results

Similar Description - ILC5062M46X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5061 IMPALA-ILC5061 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
logo
Fairchild Semiconductor
ILC5061 FAIRCHILD-ILC5061 Datasheet
76Kb / 8P
   Power Supply reset Monitor with 1% Precision
logo
Linear Technology
LTC2903-1 LINER-LTC2903-1 Datasheet
187Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903CS6-D1 LINER-LTC2903CS6-D1 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
LTC2903-1 LINER-LTC2903-1_15 Datasheet
167Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com