Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4949EP-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4949EP-E
Description  Multifunction very low drop voltage regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4949EP-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4949EP-E Datasheet HTML 3Page - STMicroelectronics L4949EP-E Datasheet HTML 4Page - STMicroelectronics L4949EP-E Datasheet HTML 5Page - STMicroelectronics L4949EP-E Datasheet HTML 6Page - STMicroelectronics L4949EP-E Datasheet HTML 7Page - STMicroelectronics L4949EP-E Datasheet HTML 8Page - STMicroelectronics L4949EP-E Datasheet HTML 9Page - STMicroelectronics L4949EP-E Datasheet HTML 10Page - STMicroelectronics L4949EP-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
L4949ED-E, L4949EP-E
Electrical specifications
Doc ID 16823 Rev 1
7/19
2
Electrical specifications
2.1
Absolute maximum ratings
2.2
Thermal data
Table 3.
Absolute maximum ratings(1)
1.
The circuit is ESD protected according to MIL-STD-883C.
Symbol
Parameter
Value
Unit
VSDC
DC operating supply voltage
28
V
VSTR
Transient supply voltage (T < 1s)
40
V
IO
Output current
Internally limited
VO
Output voltage
20
V
VRES, VSO Output voltage
20
V
IRES, ISO Output current
5
mA
VCT
Reset delay voltage
7
V
VSIDC
Sense input voltage
28
V
VZ
Preregulator output voltage
7
V
IZ
Preregulator output current
5
mA
TJ
Junction temperature
-40 to +150
°C
Tstg
Storage temperature range
-55 to +150
°C
Table 4.
Thermal data
Symbol
Description
SO-8
SO20L
Unit
Rth j-amb
Thermal Resistance Junction-ambient (max)
200
50
°C/W
Rth j-pins
Thermal Resistance Junction-pins (max)
15
°C/W
TJSD
Thermal Shutdown Junction temperature
165
°C


Similar Part No. - L4949EP-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4949EP-E STMICROELECTRONICS-L4949EP-E Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
November 2009 Rev 1
L4949EP-E STMICROELECTRONICS-L4949EP-E Datasheet
1Mb / 22P
   for car body applications
More results

Similar Description - L4949EP-E

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
   MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
   Multifunction very low drop voltage regulator
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
   Multifunction very low drop voltage regulator
November 2009 Rev 1
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
   VERY LOW DROP VOLTAGE REGULATOR
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
   MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
   Multifunction Very Low Dropout Voltage Regulator
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
   Very low drop dual voltage regulator
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com