Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4995K Datasheet(PDF) 5 Page - STMicroelectronics

Part # L4995K
Description  5V, 500mA low drop voltage regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4995K Datasheet(HTML) 5 Page - STMicroelectronics

  L4995K Datasheet HTML 1Page - STMicroelectronics L4995K Datasheet HTML 2Page - STMicroelectronics L4995K Datasheet HTML 3Page - STMicroelectronics L4995K Datasheet HTML 4Page - STMicroelectronics L4995K Datasheet HTML 5Page - STMicroelectronics L4995K Datasheet HTML 6Page - STMicroelectronics L4995K Datasheet HTML 7Page - STMicroelectronics L4995K Datasheet HTML 8Page - STMicroelectronics L4995K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
L4995
Block diagrams and pins descriptions
Doc ID 13103 Rev 13
5/35
1
Block diagrams and pins descriptions
Figure 1.
Block diagram of L4995
Figure 2.
Block diagram of L4995A


Similar Part No. - L4995K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995K STMICROELECTRONICS-L4995K Datasheet
1Mb / 22P
   for car body applications
L4995K STMICROELECTRONICS-L4995K Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4995KTR STMICROELECTRONICS-L4995KTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
More results

Similar Description - L4995K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
   5V VERY LOW DROP VOLTAGE REGULATOR
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
   LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945 Datasheet
214Kb / 11P
   500mA Low Drop Out Voltage Regulator with Shutdown
logo
IK Semicon Co., Ltd
ILE4266-2 IKSEMICON-ILE4266-2_11 Datasheet
115Kb / 5P
   5V/10 V Low-Drop Voltage Regulator
logo
Infineon Technologies A...
TLF4949 INFINEON-TLF4949 Datasheet
1Mb / 23P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
IFX4949 INFINEON-IFX4949 Datasheet
1Mb / 21P
   5V Low Drop Out Linear Voltage Regulator
Rev. 1.0, 2012-05-07
TLE7276 INFINEON-TLE7276_10 Datasheet
1Mb / 20P
   Low Drop Linear Voltage Regulator 5V Fixed Output Voltage
Rev. 1.11, 2010-11-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com