Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3280EIHZ-T Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ISL3280EIHZ-T
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ISL3280EIHZ-T Datasheet(HTML) 2 Page - Integrated Device Technology

  ISL3280EIHZ-T Datasheet HTML 1Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 2Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 3Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 4Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 5Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 6Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 7Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 8Page - Integrated Device Technology ISL3280EIHZ-T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6543.2
October 18, 2007
Pinouts
ISL3280E
(5 LD SOT-23)
TOP VIEW
ISL3281E
(6 LD SOT-23)
TOP VIEW
ISL3282E
(8 LD TDFN)
TOP VIEW
ISL3283E
(6 LD SOT-23)
TOP VIEW
ISL3284E
(6 LD SOT-23)
TOP VIEW
ISL3285E
(8 LD TDFN)
TOP VIEW
VCC
GND
RO
1
2
3
5
4
A
B
R
VCC
GND
RO
1
2
3
6
5
4
A
RE
B
R
2
3
4
1
7
6
5
8
RO
GND
NC
VCC
B
RE
VL
A
R
VCC
GND
RO
1
2
3
6
5
4
A
RE
B
R
VCC
GND
RO
1
2
3
6
5
4
A
VL
B
R
2
3
4
1
7
6
5
8
RO
GND
NC
VCC
B
RE
VL
A
R
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E


Similar Part No. - ISL3280EIHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280EIHZ-T INTERSIL-ISL3280EIHZ-T Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3280EIHZ-T RENESAS-ISL3280EIHZ-T Datasheet
944Kb / 16P
   Clock distribution
More results

Similar Description - ISL3280EIHZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3280E INTERSIL-ISL3280E Datasheet
599Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com