Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6562ATD Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6562ATD
Description  Transition-mode PFC controller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6562ATD Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6562ATD Datasheet HTML 2Page - STMicroelectronics L6562ATD Datasheet HTML 3Page - STMicroelectronics L6562ATD Datasheet HTML 4Page - STMicroelectronics L6562ATD Datasheet HTML 5Page - STMicroelectronics L6562ATD Datasheet HTML 6Page - STMicroelectronics L6562ATD Datasheet HTML 7Page - STMicroelectronics L6562ATD Datasheet HTML 8Page - STMicroelectronics L6562ATD Datasheet HTML 9Page - STMicroelectronics L6562ATD Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Electrical characteristics
L6562AT
6/25
5
Electrical characteristics
-40 °C < TJ < +125 °C, VCC = 12 V, CO = 1 nF; unless otherwise specified
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Supply voltage
VCC
Operating range
After turn-on
10.5
22.5
V
VccOn
Turn-on threshold
(1)
11.7
12.5
13.3
V
VccOff
Turn-off threshold
(1)
9.5
10
10.5
V
Hys
Hysteresis
2.2
2.8
V
VZ
Zener voltage
ICC = 20 mA
22.5
25
28
V
Supply current
Istart-up
Start-up current
Before turn-on, VCC = 11 V
30
60
µA
Iq
Quiescent current
After turn-on
2.5
3.9
mA
ICC
Operating supply current @ 70 kHz
3.5
5.5
mA
Iq
Quiescent current
During OVP (either static or dynamic)
or VINV ≤ 150 mV
1.7
2.2
mA
Multiplier input
IMULT
Input bias current
VMULT = 0 to 4 V
-1
µA
VMULT
Linear operation range
0 to 3
V
Output max. slope
VMULT = 0 to 1 V,
VCOMP = Upper clamp
11.1
V/V
K
Gain (2)
VMULT = 1 V, VCOMP = 4 V,
0.32
0.38
0.47
V
Error amplifier
VINV
Voltage feedback input
threshold
TJ = 25 °C
2.475
2.5
2.525
V
10.5 V < VCC < 22.5 V
(1)
2.44
2.545
Line regulation
VCC = 10.5 V to 22.5 V
2
5
mV
IINV
Input bias current
VINV = 0 to 3 V
-1
µA
Gv
Voltage gain
Open loop
60
80
dB
GB
Gain-bandwidth product
1
MHz
ICOMP
Source current
VCOMP = 4 V, VINV = 2.4 V
-2
-3.5
-5
mA
Sink current
VCOMP = 4 V, VINV = 2.6 V
2.5
4.5
mA
VCOMP
Upper clamp voltage
ISOURCE = 0.5 mA
5.1
5.7
6
V
Lower clamp voltage
ISINK = 0.5 mA
(1)
2.12.252.4
V
VINVdis
Disable threshold
150
200
250
mV
VINVen
Restart threshold
380
450
520
mV
V
cs
Δ
V
MULT
Δ
---------------------


Similar Part No. - L6562ATD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A STMICROELECTRONICS-L6562A Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AD STMICROELECTRONICS-L6562AD Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562ADTR STMICROELECTRONICS-L6562ADTR Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562AN STMICROELECTRONICS-L6562AN Datasheet
547Kb / 26P
   Transition-mode PFC controller
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
More results

Similar Description - L6562ATD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6562A_0708 STMICROELECTRONICS-L6562A_0708 Datasheet
547Kb / 26P
   Transition-mode PFC controller
logo
Texas Instruments
UCC28050 TI-UCC28050 Datasheet
692Kb / 30P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
UCC28050 TI-UCC28050_15 Datasheet
1Mb / 31P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
ADTech
ADT6011 ADTECH-ADT6011 Datasheet
264Kb / 5P
   Transition Mode PFC controller
logo
STMicroelectronics
L6562 STMICROELECTRONICS-L6562 Datasheet
249Kb / 16P
   TRANSITION-MODE PFC CONTROLLER
logo
Texas Instruments
UCC28050 TI1-UCC28050_13 Datasheet
1Mb / 32P
[Old version datasheet]   TRANSITION MODE PFC CONTROLLER
logo
STMicroelectronics
L6563 STMICROELECTRONICS-L6563_07 Datasheet
720Kb / 39P
   Advanced transition-mode PFC controller
logo
Diodes Incorporated
AL6562A DIODES-AL6562A Datasheet
693Kb / 16P
   Transition Mode PFC LED Controller
AL6562 DIODES-AL6562 Datasheet
800Kb / 16P
   Transition Mode PFC LED Controller
logo
STMicroelectronics
DAP005 STMICROELECTRONICS-DAP005 Datasheet
530Kb / 39P
   Advanced transition-mode PFC controller
February 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com