Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6585DE Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6585DE
Description  Combo IC for PFC and ballast control
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6585DE Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6585DE Datasheet HTML 5Page - STMicroelectronics L6585DE Datasheet HTML 6Page - STMicroelectronics L6585DE Datasheet HTML 7Page - STMicroelectronics L6585DE Datasheet HTML 8Page - STMicroelectronics L6585DE Datasheet HTML 9Page - STMicroelectronics L6585DE Datasheet HTML 10Page - STMicroelectronics L6585DE Datasheet HTML 11Page - STMicroelectronics L6585DE Datasheet HTML 12Page - STMicroelectronics L6585DE Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
L6585DE
Electrical characteristics
9/33
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
CTR pin
DIS
CTR
Shutdown threshold
Falling edge
0.75
V
Hysteresis
120
mV
PFOV
CTR
Dynamic PFC over-
voltage
Rising edge
3.4
V
Hysteresis
140
mV
CTR
Available range as
tracking reference
Lower threshold (falling)
1.7
V
Hysteresis
120
mV
Higher threshold (rising)
3.4
V
Hysteresis
140
mV
PFC section – current sense comparator
ICS
PFCS
Input bias current
VCS = 0 V
-1
µA
tLEB
PFCS
Leading edge blanking
(2)
100
200
300
ns
VCSstop
PFCS
PFC stop threshold
VCTR
1.65
1.75
1.85
V
td(H-L)
PFCS
Delay to output
120
ns
VCSclamp
PFCS
Current sense reference
clamp
VCOMP = Upper clamp
1
1.08
1.16
V
PFC section – zero current detector
VZCDH
ZCD
Upper clamp voltage
IZCD = 2.5 mA
5
V
VZCDL
ZCD
Lower clamp voltage
IZCD = -2.5 mA
-0.3
0
0.3
V
VZCDA
ZCD
Arming voltage
(positive-going edge)
(2)
1.4
V
VZCDT
ZCD
Triggering voltage
(negative-going edge)
(2)
0.7
V
IZCDb
ZCD
Input bias current
VZCD = 1 to 4.5 V
1
µA
IZCDsrc
ZCD
Source current capability
-4
mA
IZCDsnk
ZCD
Sink current capability
4
mA
PFC section – gate driver
PFG
Output high/low
ISINK = 10 mA
0.2
V
ISOURCE = 10 mA
14.5
V
tf
PFG
Fall time
40
90
ns
tr
PFG
Rise time
90
140
ns
ISINK
PFG
Peak sink current
475
600
mA
ISOURCE
PFG
Peak source current
200
300
mA
PFG
Pull-down resistor
10
k
Ω
Table 4.
Electrical characteristics (continued)


Similar Part No. - L6585DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
L6585D STMICROELECTRONICS-L6585D Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
L6585DTR STMICROELECTRONICS-L6585DTR Datasheet
160Kb / 9P
   PFC and Ballast Control IC
L6585DTR STMICROELECTRONICS-L6585DTR Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
L6585D STMICROELECTRONICS-L6585D_07 Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
More results

Similar Description - L6585DE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6585D STMICROELECTRONICS-L6585D_07 Datasheet
1Mb / 25P
   Combo IC for PFC and ballast control
EVAL6585D-230V STMICROELECTRONICS-EVAL6585D-230V Datasheet
129Kb / 6P
   Combo IC for PFC and ballast control
November 2006 Rev 1
L6585D STMICROELECTRONICS-L6585D Datasheet
160Kb / 9P
   PFC and Ballast Control IC
logo
International Rectifier
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com