Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF634A Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # IRF634A
Description  Advanced Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

IRF634A Datasheet(HTML) 3 Page - Fairchild Semiconductor

  IRF634A Datasheet HTML 1Page - Fairchild Semiconductor IRF634A Datasheet HTML 2Page - Fairchild Semiconductor IRF634A Datasheet HTML 3Page - Fairchild Semiconductor IRF634A Datasheet HTML 4Page - Fairchild Semiconductor IRF634A Datasheet HTML 5Page - Fairchild Semiconductor IRF634A Datasheet HTML 6Page - Fairchild Semiconductor IRF634A Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF634A
10
-1
10
0
10
1
10
-1
10
0
10
1
@ Notes :
1. 250
µs Pulse Test
2. T
C = 25
oC
V
GS
Top :
15V
10 V
8.0 V
7.0 V
6.0 V
5.5V
5.0 V
Bottom : 4.5V
V
DS
, Drain-Source Voltage [V]
24
68
10
10
-1
10
0
10
1
25
oC
150
oC
- 55
oC
@ Notes :
1. V
GS = 0 V
2. V
DS = 40 V
3. 250
µs Pulse Test
V
GS
, Gate-Source Voltage [V]
0
10
203040
0.00
0.25
0.50
0.75
1.00
@ Note : T
J = 25
oC
V
GS = 20 V
V
GS = 10 V
I
D
, Drain Current [A]
0.20.40.60.81.01.21.41.6
10
-1
10
0
10
1
150
oC
25
oC
@ Notes :
1. V
GS = 0 V
2. 250
µsPulse Test
V
SD , Source-Drain Voltage
[V]
10
0
10
1
0
400
800
1200
C
iss= Cgs+ Cgd ( Cds= shorted )
C
oss
= C
ds
+ C
gd
C
rss
= C
gd
@ Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
V
DS
, Drain-Source Voltage [V]
0
5
10
15
20
25
30
0
5
10
V
DS
= 200 V
V
DS = 125 V
V
DS = 50 V
@ Notes : I
D
= 8.1 A
Q
G
, Total Gate Charge [nC]
1&+$11(/
32:(5 026)(7
Fig 1. Output Characteristics
Fig 2. Transfer Characteristics
Fig 6. Gate Charge vs. Gate-Source Voltage
Fig 5. Capacitance vs. Drain-Source Voltage
Fig 4. Source-Drain Diode Forward Voltage
Fig 3. On-Resistance vs. Drain Current


Similar Part No. - IRF634A

ManufacturerPart #DatasheetDescription
logo
ARTSCHIP ELECTRONICS CO...
IRF634A ARTSCHIP-IRF634A Datasheet
353Kb / 6P
   Advanced Power MOSFET
logo
List of Unclassifed Man...
IRF634A ETC2-IRF634A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Inchange Semiconductor ...
IRF634A ISC-IRF634A Datasheet
281Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRF634A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STK830F AUK-STK830F Datasheet
504Kb / 8P
   Advanced Power MOSFET
logo
Fairchild Semiconductor
SFR2955 FAIRCHILD-SFR2955 Datasheet
261Kb / 7P
   Advanced Power MOSFET
SSI2N80A FAIRCHILD-SSI2N80A Datasheet
264Kb / 7P
   Advanced Power MOSFET
IRFZ24A FAIRCHILD-IRFZ24A Datasheet
221Kb / 7P
   ADVANCED POWER MOSFET
SSP5N80A FAIRCHILD-SSP5N80A Datasheet
253Kb / 7P
   Advanced Power MOSFET
IRFW550A FAIRCHILD-IRFW550A Datasheet
267Kb / 7P
   Advanced Power MOSFET
SFW9510 FAIRCHILD-SFW9510 Datasheet
229Kb / 7P
   Advanced Power MOSFET
SFR9024 FAIRCHILD-SFR9024 Datasheet
230Kb / 7P
   Advanced Power MOSFET
SFR9210F FAIRCHILD-SFR9210F Datasheet
257Kb / 7P
   Advanced Power MOSFET
SFR9214 FAIRCHILD-SFR9214 Datasheet
311Kb / 7P
   Advanced Power MOSFET
SSH10N60A FAIRCHILD-SSH10N60A Datasheet
243Kb / 7P
   Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com