Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1212SRU-EP-RL7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADG1212SRU-EP-RL7
Description  Low Capacitance, Low Charge Injection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1212SRU-EP-RL7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADG1212SRU-EP-RL7 Datasheet HTML 3Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 4Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 5Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 6Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 7Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 8Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 9Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 10Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Enhanced Product
ADG1212-EP
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VDD = +15V
VSS = –15V
VDD = +16.5V
VSS = –16.5V
SOURCE OR DRAIN VOLTAGE (V)
200
180
160
140
120
100
60
80
0
20
40
–18 –15 –12
–9
–6
–3
3
9
15
0
6
12
18
VDD = +13.5V
VSS = –13.5V
TA = +25°C
Figure 3. On Resistance as a Function of VD (VS) for Dual Supply
SOURCE OR DRAIN VOLTAGE (V)
450
400
350
300
250
150
200
0
50
100
–5
–4
–3
–2
–1
2
4
01
3
5
VDD = +5.5V
VSS = –5.5V
TA = +25°C
Figure 4. On Resistance as a Function of VD (VS) for Dual Supply
VDD = 13.2V
VSS = 0V
SOURCE OR DRAIN VOLTAGE (V)
450
400
350
300
250
150
200
0
50
100
02
4
6
8
10
12
VDD = 12V
VSS = 0V
VDD = 10.8V
VSS = 0V
TA = 25°C
Figure 5. On Resistance as a Function of VD (VS) for Single Supply
250
200
150
100
50
0
–15
–10
–5
0
5
10
15
SOURCE OR DRAIN VOLTAGE (V)
VDD = +15V
VSS = –15V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
TA = –55°C
Figure 6. On Resistance as a Function of VD (VS) for Different Temperatures,
Dual Supply
600
500
400
300
200
100
0
02
4
6
8
10
1
SOURCE OR DRAIN VOLTAGE (V)
2
VDD = 15V
VSS = 0V
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
TA = –55°C
Figure 7. On Resistance as a Function of VD (VS) for Different Temperatures,
Single Supply
TEMPERATURE (°C)
0.20
0.15
0.10
0.05
0
–0.10
–0.05
–0.15
–0.20
20
040
60
80
100
120
IS (OFF)
ID (OFF)
ID, IS (ON)
VDD = +15V
VSS = –15V
VBIAS = +10V/–10V
Figure 8. Leakage Currents as a Function of Temperature, Dual Supply


Similar Part No. - ADG1212SRU-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCP AD-ADG1212YCP Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCPZ-500RL7 AD-ADG1212YCPZ-500RL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YCPZ-REEL7 AD-ADG1212YCPZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YRU AD-ADG1212YRU Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
More results

Similar Description - ADG1212SRU-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Rev. A, 11-Apr-16
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com