Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADG1212SRU-EP-RL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG1212SRU-EP-RL7
Description  Low Capacitance, Low Charge Injection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1212SRU-EP-RL7 Datasheet(HTML) 1 Page - Analog Devices

  ADG1212SRU-EP-RL7 Datasheet HTML 1Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 2Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 3Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 4Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 5Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 6Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 7Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 8Page - Analog Devices ADG1212SRU-EP-RL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Capacitance, Low Charge Injection,
±15 V/+12 V iCMOS Quad SPST Switches
Enhanced Product
ADG1212-EP
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
1 pF off capacitance
2.6 pF on capacitance
<1 pC charge injection
33 V supply range
120 Ω on resistance
Fully specified at ±15 V, +12 V
No VL supply required
3 V logic-compatible inputs
Rail-to-rail operation
16-lead TSSOP
Typical power consumption: <0.03 μW
ENHANCED PRODUCT FEATURES
Supports defense and aerospace applications (AQEC
standard)
Military temperature range: −55°C to +125°C
Controlled manufacturing baseline
One assembly/test site
One fabrication site
Enhanced product change notification
Qualification data available on request
APPLICATIONS
Automatic test equipment
Data acquisition systems
Battery-powered systems
Sample-and-hold systems
Audio signal routing
Video signal routing
Communication systems
FUNCTIONAL BLOCK DIAGRAM
ADG1212-EP
NOTES
1. SWITCHES SHOWN ARE
FOR LOGIC 1 INPUT.
S1
IN1
IN2
IN3
IN4
D1
S2
D2
S3
D3
S4
D4
Figure 1.
The ultralow capacitance and charge injection of this switch
makes it an ideal solution for data acquisition and sample-and-
hold applications, where low glitch and fast settling are required.
Fast switching speed coupled with high signal bandwidth makes
the part suitable for video signal switching.
iCMOS construction ensures ultralow power dissipation, making
the part ideally suited for portable and battery-powered instruments.
The ADG1212-EP contains four independent single-pole/
single-throw (SPST) switches. Each switch conducts equally
well in both directions when on and has an input signal range
that extends to the supplies. In the off condition, signal levels up
to the supplies are blocked.
Additional application and technical information can be found
in the ADG1212 data sheet.
GENERAL DESCRIPTION
The ADG1212-EP is a monolithic complementary metal-oxide
semiconductor (CMOS) device containing four independently
selectable switches designed on an iCMOS® (industrial CMOS)
process. iCMOS is a modular manufacturing process combining
high voltage CMOS and bipolar technologies. It enables the
development of a wide range of high performance analog ICs
capable of 33 V operation in a footprint that no previous generation
of high voltage parts has been able to achieve. Unlike analog
ICs using conventional CMOS processes, iCMOS components
can tolerate high supply voltages while providing increased
performance, dramatically lower power consumption, and
reduced package size.
PRODUCT HIGHLIGHTS
1.
Ultralow capacitance.
2.
<1 pC charge injection.
3.
3 V logic compatible digital inputs: VIH = 2.0 V, VIL = 0.8 V.
4.
No VL logic power supply required.
5.
Ultralow power dissipation: <0.03 μW.
6.
16-lead TSSOP package.


Similar Part No. - ADG1212SRU-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212 Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCP AD-ADG1212YCP Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
ADG1212YCPZ-500RL7 AD-ADG1212YCPZ-500RL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YCPZ-REEL7 AD-ADG1212YCPZ-REEL7 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1212YRU AD-ADG1212YRU Datasheet
271Kb / 16P
   1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Rev. PrE
More results

Similar Description - ADG1212SRU-EP-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1212 AD-ADG1212_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1211 AD-ADG1211_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1236 AD-ADG1236_15 Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection
REV. 0
ADG1204 AD-ADG1204_15 Datasheet
398Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
ADG1213 AD-ADG1213_15 Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection
REV. B
logo
Texas Instruments
MUX508 TI1-MUX508 Datasheet
1Mb / 37P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
MUX508 TI1-MUX508_16 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Capacitance, Low-Charge-Injection, Precision, Analog Multiplexers
logo
Vishay Siliconix
DG4051E VISHAY-DG4051E Datasheet
399Kb / 20P
   Low Capacitance, Low Charge Injection, 4- / 8-Channel, Triple SPDT, Analog Multiplexers
Rev. A, 11-Apr-16
logo
Analog Devices
ADG1213YRUZ AD-ADG1213YRUZ Datasheet
330Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B
ADG1236YRUZ AD-ADG1236YRUZ Datasheet
288Kb / 16P
   Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com