Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1573-3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 1573-3
Description  15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1573-3 Datasheet(HTML) 3 Page - Vishay Siliconix

  1573-3 Datasheet HTML 1Page - Vishay Siliconix 1573-3 Datasheet HTML 2Page - Vishay Siliconix 1573-3 Datasheet HTML 3Page - Vishay Siliconix 1573-3 Datasheet HTML 4Page - Vishay Siliconix 1573-3 Datasheet HTML 5Page - Vishay Siliconix 1573-3 Datasheet HTML 6Page - Vishay Siliconix 1573-3 Datasheet HTML 7Page - Vishay Siliconix 1573-3 Datasheet HTML 8Page - Vishay Siliconix 1573-3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Document Number: 63835
S12-2109-Rev. C, 03-Sep-12
www.vishay.com
3
Vishay Siliconix
SiC401A, SiC401BCD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Format:
LINE 1: P/N
LINE 2: Siliconix logo + Lot code + ESD symbol
LINE 3: Factory code + Year code + Work week code
PIN DESCRIPTION
Pin Number
Symbol
Description
1FB
Feedback input for switching regulator used to program the output voltage - connect to an external
resistor divider from VOUT to AGND.
2VOUT
Switcher output voltage sense pin - also the input to the internal switch-over between VOUT and
VLDO. The voltage at this pin must be less than or equal to the voltage at the VDD pin.
3VDD
Bias supply for the IC - when using the internal LDO as a bias power supply, VDD is the LDO output.
When using an external power supply as the bias for the IC, the LDO output should be disabled.
4, 30, PAD 1
AGND
Analog ground
5FBL
Feedback input for the internal LDO - used to program the LDO output. Connect to an external
resistor divider from VDD to AGND.
6, 9 to 11, PAD 2
VIN
Input supply voltage
7
SS
The soft start ramp will be programmed by an internal current source charging a capacitor on this pin.
8BST
Bootstrap pin - connect a capacitor of at least 100 nF from BST to LX to develop the floating supply
for the high-side gate drive.
12, 14
NC
No connection
13
LXBST
LX Boost - connect to the BST capacitor.
23 to 25, PAD3
LX
Switching (phase) node
15 to 22
PGND
Power ground
26
PGOOD
Open-drain power good indicator - high impedance indicates power is good. An external pull-up
resistor is required.
27
ILIM
Current limit sense pin - used to program the current limit by connecting a resistor from ILIM to LXS.
28
LXS
LX sense - connects to RILIM
29
EN/PSV
Enable/power save input for the switching regulator - connect to AGND to disable the switching
regulator, connect to VDD to operate with power-save mode and float to operate in forced continuous
mode.
31
tON
On-time programming input - set the on-time by connecting through a resistor to AGND
32
ENL
Enable input for the LDO - connect ENL to AGND to disable the LDO. Drive with logic signal for logic
control, or program the VIN UVLO with a resistor divider between VIN, ENL, and AGND.
ORDERING INFORMATION
Part Number
Package
Marking (Line 1: P/N)
SiC401ACD-T1-GE3
PowerPAK MLP55-32L
SiC401A
SiC401BCD-T1-GE3
PowerPAK MLP55-32L
SiC401B
SiC401DB
Reference board


Similar Part No. - 1573-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1573-3 VISHAY-1573-3 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
1573-3 VISHAY-1573-3 Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
logo
List of Unclassifed Man...
1573-3 ETC2-1573-3 Datasheet
439Kb / 1P
   TURRET TERMINALS
More results

Similar Description - 1573-3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC401BCD VISHAY-SIC401BCD_V01 Datasheet
2Mb / 30P
   15 A microBUCK짰 SiC401A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403 VISHAY-SIC403_12 Datasheet
648Kb / 26P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. C, 19-Mar-12
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC403BCD VISHAY-SIC403BCD_V01 Datasheet
1Mb / 27P
   6 A microBUCK짰 SiC403A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC402BCD VISHAY-SIC402BCD_V01 Datasheet
1Mb / 26P
   10 A microBUCK짰 SiC402A/B Integrated Buck Regulator with Programmable LDO
01-Jan-2022
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com