Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC081S021 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADC081S021
Description  ADC101S021 Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC081S021 Datasheet(HTML) 4 Page - Texas Instruments

  ADC081S021 Datasheet HTML 1Page - Texas Instruments ADC081S021 Datasheet HTML 2Page - Texas Instruments ADC081S021 Datasheet HTML 3Page - Texas Instruments ADC081S021 Datasheet HTML 4Page - Texas Instruments ADC081S021 Datasheet HTML 5Page - Texas Instruments ADC081S021 Datasheet HTML 6Page - Texas Instruments ADC081S021 Datasheet HTML 7Page - Texas Instruments ADC081S021 Datasheet HTML 8Page - Texas Instruments ADC081S021 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
ADC101S021
SNAS307F – JULY 2005 – REVISED MARCH 2013
www.ti.com
ADC101S021 Converter Electrical Characteristics
(1) (2)
The following specifications apply for VA = +2.7V to 5.25V, fSCLK = 1 MHz to 4 MHz, fSAMPLE = 50 ksps to 200 ksps, CL = 15
pF, unless otherwise noted. Boldface limits apply for TA = TMIN to TMAX: all other limits TA = 25°C.
Limits
Symbol
Parameter
Conditions
Typical
Units
(2)
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing Codes
Bits
+0.14
LSB (max)
VA = +2.7 to +3.6V
±0.7
−0.13
LSB (min)
INL
Integral Non-Linearity
+0.14
LSB (max)
VA = +4.75 to +5.25V
±0.7
−0.13
LSB (min)
+0.12
LSB (max)
VA = +2.7 to +3.6V
±0.6
−0.07
LSB (min)
DNL
Differential Non-Linearity
+0.16
LSB (min)
VA = +4.75 to +5.25V
±0.6
−0.09
LSB (min)
VA = +2.7V to +3.6V
VOFF
Offset Error
−0.09
±0.7
LSB (max)
VA = +4.75 to +5.25V
VA = +2.7V to +3.6V
−0.06
GE
Gain Error
±1.0
LSB (max)
VA = +4.75 to +5.25V
−0.27
DYNAMIC CONVERTER CHARACTERISTICS
VA = +2.7 to 5.25V
SINAD
Signal-to-Noise Plus Distortion Ratio
61.5
60.7
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SNR
Signal-to-Noise Ratio
61.6
61
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
THD
Total Harmonic Distortion
−79
−72.5
dB (max)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
SFDR
Spurious-Free Dynamic Range
79
74
dB (min)
fIN = 100 kHz, −0.02 dBFS
VA = +2.7 to 5.25V
ENOB
Effective Number of Bits
9.9
9.8
Bits (min)
fIN = 100 kHz, −0.02 dBFS
Intermodulation Distortion, Second
VA = +5.25V
−83
dB
Order Terms
fa = 103.5 kHz, fb = 113.5 kHz
IMD
Intermodulation Distortion, Third Order
VA = +5.25V
−82
dB
Terms
fa = 103.5 kHz, fb = 113.5 kHz
VA = +5V
11
MHz
FPBW
-3 dB Full Power Bandwidth
VA = +3V
8
MHz
ANALOG INPUT CHARACTERISTICS
VIN
Input Range
0 to VA
V
IDCL
DC Leakage Current
±1
µA (max)
Track Mode
30
pF
CINA
Input Capacitance
Hold Mode
4
pF
DIGITAL INPUT CHARACTERISTICS
VA = +5.25V
2.4
V (min)
VIH
Input High Voltage
VA = +3.6V
2.1
V (min)
VA = +5V
0.8
V (max)
VIL
Input Low Voltage
VA = +3V
0.4
V (max)
IIN
Input Current
VIN = 0V or VA
±0.1
±1
µA (max)
CIND
Digital Input Capacitance
2
4
pF (max)
(1)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
(2)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: ADC101S021


Similar Part No. - ADC081S021

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081S021 NSC-ADC081S021 Datasheet
621Kb / 13P
   Single Channel, 500 kSPS, 8-Bit A/D Converter
ADC081S021 NSC-ADC081S021 Datasheet
720Kb / 17P
   Single Channel, 50 to 200ksps, 8-Bit A/D Converter
logo
Texas Instruments
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC081S021 TI-ADC081S021 Datasheet
1Mb / 26P
[Old version datasheet]   ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 23P
[Old version datasheet]   ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC081S021

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC101S021 TI1-ADC101S021 Datasheet
1Mb / 23P
[Old version datasheet]   Single Channel, 50 to 200 ksps, 10-Bit A/D Converter
logo
National Semiconductor ...
ADC108S022 NSC-ADC108S022 Datasheet
842Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 10-Bit A/D Converter
logo
Texas Instruments
ADC104S021 TI1-ADC104S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC108S022 TI1-ADC108S022_15 Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC081S021 TI1-ADC081S021 Datasheet
1Mb / 29P
[Old version datasheet]   Single-Channel, 50-ksps to 200-ksps, 8-Bit A/D Converter
ADC108S022 TI1-ADC108S022_14 Datasheet
1Mb / 25P
[Old version datasheet]   ADC108S022 8-Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021 TI1-ADC102S021_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC102S021CIMM TI-ADC102S021CIMM Datasheet
1Mb / 25P
[Old version datasheet]   ADC102S021 2 Channel, 50 ksps to 200 ksps, 10-Bit A/D Converter
ADC121S021 TI1-ADC121S021 Datasheet
1Mb / 26P
[Old version datasheet]   Single-Channel, 50- to 200-ksps, 12-Bit A/D Converter
logo
TEXAS ADVANCED OPTOELEC...
ADC101S051 TAOS-ADC101S051 Datasheet
724Kb / 16P
   Single Channel, 200 to 500 ksps, 10-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com