Electronic Components Datasheet Search |
|
BU4S81G2 Datasheet(PDF) 5 Page - Rohm |
|
BU4S81G2 Datasheet(HTML) 5 Page - Rohm |
5 / 17 page BU4S01G2,BU4S11G2,BU4SU69G2,BU4S71G2,BU4S81G2, BU4S584G2 Technical Note 5/16 www.rohm.com 2009.06 - Rev.A © 2009 ROHM Co., Ltd. All rights reserved. ● Electrical Characteristics(BU4SU69G2) DC Characteristics (Unless otherwise noted, VSS=0[V],Ta=25[℃]) Parameter Symbol Standard Value Unit Condition Fig. No MIN TYP MAX VDD[V] Input “H” voltage VIH 4.0 - - V 5 VOUT=0.5[V] VOUT=1.0[V] VOUT=1.5[V] |IOUT|<1[μA] 19 8.0 - - 10 20 12.0 - - 15 21 Input “L” voltage VIL - - 1.0 V 5 VOUT=4.5[V] VOUT=9.0[V] VOUT=13.5[V] |IOUT|<1[μA] 19 - - 2.0 10 20 - - 3.0 15 21 Input “H” current IIH - - 0.3 μA 15 VIH=15[V] - Input “L” current IIL - - -0.3 μA 15 VIL=0[V] - Output “H” voltage VOH 4.95 - - V 5 |IOUT|<1[μA] VIN=VSS 22 9.95 - - 10 14.95 - - 15 Output “L” voltage VOL - - 0.05 V 5 |IOUT|<1[μA] VIN=VDD 23 - - 0.05 10 - - 0.05 15 Output “H” current IOH -0.51 - - mA 5 VOH=4.6[V] 22 -2.1 - - 5 VOH=2.5[V] -1.3 - - 10 VOH=9.5[V] -3.4 - - 15 VOH=13.5[V] VIN=VSS Output “L” current IOL 0.51 - - mA 5 VOL=0.4[V] 23 1.3 - - 10 VOL=0.5[V] 3.4 - - 15 VOL=1.5[V] VIN=VDD Static supply current IDD - - 0.25 μA 5 VIN=VSS,VDD - - - 0.5 10 - - 1.0 15 Switching Characteristics (Unless otherwise noted, VSS=0[V],Ta=25[℃],CL=50[pF]) Parameter Symbol Standard Value Unit Condition Fig. No MIN TYP MAX VDD[V] Output rising time tTLH - 70 - ns 5 - 24 - 35 - 10 - 30 - 15 Output falling time tTHL - 70 - ns 5 - 25 - 35 - 10 - 30 - 15 Propagation delay time tPLH - 55 - ns 5 - 26 - 30 - 10 - 25 - 15 tPHL - 55 - ns 5 - 27 - 30 - 10 - 25 - 15 Input capacitance CIN - 5 - pF 5 - - |
Similar Part No. - BU4S81G2 |
|
Similar Description - BU4S81G2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |