Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU4S01G2-TR Datasheet(PDF) 6 Page - Rohm

Part # BU4S01G2-TR
Description  Single Gate CMOS Logic ICs Gate>
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4S01G2-TR Datasheet(HTML) 6 Page - Rohm

Back Button BU4S01G2-TR Datasheet HTML 2Page - Rohm BU4S01G2-TR Datasheet HTML 3Page - Rohm BU4S01G2-TR Datasheet HTML 4Page - Rohm BU4S01G2-TR Datasheet HTML 5Page - Rohm BU4S01G2-TR Datasheet HTML 6Page - Rohm BU4S01G2-TR Datasheet HTML 7Page - Rohm BU4S01G2-TR Datasheet HTML 8Page - Rohm BU4S01G2-TR Datasheet HTML 9Page - Rohm BU4S01G2-TR Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BU4S01G2,BU4S11G2,BU4SU69G2,BU4S71G2,BU4S81G2, BU4S584G2
Technical Note
6/16
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Electrical Characteristics(BU4S71G2)
DC Characteristics (Unless otherwise noted, VSS=0[V],Ta=25[℃])
Parameter
Symbol
Standard Value
Unit
Condition
Fig.
No
MIN
TYP
MAX
VDD[V]
Input “H” voltage
VIH
3.5
-
-
V
5
|IOUT|<1[μA]
28
7.0
-
-
10
29
11.0
-
-
15
30
Input “L” voltage
VIL
-
-
1.5
V
5
|IOUT|<1[μA]
28
-
-
3.0
10
29
-
-
4.0
15
30
Input “H” current
IIH
-
-
0.3
μA
18
VIH=18[V]
-
Input “L” current
IIL
-
-
-0.3
μA
18
VIL=0[V]
-
Output “H” voltage
VOH
4.95
-
-
V
5
|IOUT|<1[μA]
VIN=VSS or VDD
31
9.95
-
-
10
14.95
-
-
15
Output “L” voltage
VOL
-
-
0.05
V
5
|IOUT|<1[μA]
VIN=VSS
32
-
-
0.05
10
-
-
0.05
15
Output “H” current
IOH
-0.51
-
-
mA
5
VOH=4.6[V]
31
-2.1
-
-
5
VOH=2.5[V]
-1.3
-
-
10
VOH=9.5[V]
-3.4
-
-
15
VOH=13.5[V]
Output “L” current
IOL
0.51
-
-
mA
5
VOL=0.4[V]
32
1.3
-
-
10
VOL=0.5[V]
3.4
-
-
15
VOL=1.5[V]
Static supply current
IDD
-
-
0.25
μA
5
VIN=VSS,VDD
-
-
-
0.5
10
-
-
1.0
15
Switching Characteristics (Unless otherwise noted, VSS=0[V],Ta=25[℃],CL=50[pF])
Parameter
Symbol
Standard Value
Unit
Condition
Fig.
No
MIN
TYP
MAX
VDD[V]
Output rising time
tTLH
-
70
-
ns
5
-
33
-
35
-
10
-
30
-
15
Output falling time
tTHL
-
70
-
ns
5
-
34
-
35
-
10
-
30
-
15
Propagation delay time
tPLH
-
90
-
ns
5
-
35
-
45
-
10
-
30
-
15
tPHL
-
90
-
ns
5
-
36
-
45
-
10
-
30
-
15
Input capacitance
CIN
-
5
-
pF
5
-
-


Similar Part No. - BU4S01G2-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01G2-TR ROHM-BU4S01G2-TR Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4S01G2-TR ROHM-BU4S01G2-TR Datasheet
1Mb / 16P
   Single 2-Input NOR Gate
More results

Similar Description - BU4S01G2-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4S01G2 ROHM-BU4S01G2_09 Datasheet
575Kb / 17P
   Single Gate CMOS Logic ICs
BU4SU69G2-TR ROHM-BU4SU69G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S71G2-TR ROHM-BU4S71G2-TR Datasheet
697Kb / 19P
   Single Gate CMOS Logic ICs Logic Gate
BU4S81G2-TR ROHM-BU4S81G2-TR Datasheet
534Kb / 17P
   Single Gate CMOS Logic ICs
BU4001B ROHM-BU4001B_11 Datasheet
516Kb / 22P
   High Voltage CMOS Logic ICs
BU4001B ROHM-BU4001B_09 Datasheet
505Kb / 22P
   High Voltage CMOS Logic ICs
BU4S66G2 ROHM-BU4S66G2_09 Datasheet
337Kb / 8P
   Single Gate CMOS Logic ICs
BU4015B ROHM-BU4015B_09 Datasheet
504Kb / 18P
   High Voltage CMOS Logic ICs
logo
OSRAM GmbH
SFH5400 OSRAM-SFH5400 Datasheet
146Kb / 7P
   Logic Gate Detector
logo
ON Semiconductor
MC74VHC1GT00DTT1G ONSEMI-MC74VHC1GT00DTT1G Datasheet
116Kb / 6P
   Single 2-Input NAND Gate CMOS Logic Level Shifter
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com