Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU28TD3WG-GTR Datasheet(PDF) 8 Page - Rohm

Part # BU28TD3WG-GTR
Description  Versatile Package FULL CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU28TD3WG-GTR Datasheet(HTML) 8 Page - Rohm

Back Button BU28TD3WG-GTR Datasheet HTML 2Page - Rohm BU28TD3WG-GTR Datasheet HTML 3Page - Rohm BU28TD3WG-GTR Datasheet HTML 4Page - Rohm BU28TD3WG-GTR Datasheet HTML 5Page - Rohm BU28TD3WG-GTR Datasheet HTML 6Page - Rohm BU28TD3WG-GTR Datasheet HTML 7Page - Rohm BU28TD3WG-GTR Datasheet HTML 8Page - Rohm BU28TD3WG-GTR Datasheet HTML 9Page - Rohm BU28TD3WG-GTR Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・15・001
8/10
30.JUL.2013.Rev.002
BUxxTD3WG series
Datasheet
About power dissipation (Pd)
As for power dissipation, an approximate estimate of the heat reduction characteristics and internal power consumption of
IC are shown, so please use these for reference. Since power dissipation changes substantially depending on the
implementation conditions (board size, board thickness, metal wiring rate, number of layers and through holes, etc.), it is
recommended to measure Pd on a set board. Exceeding the power dissipation of IC may lead to deterioration of the
original IC performance, such as causing operation of the thermal shutdown circuit or reduction in current capability.
Therefore, be sure to prepare sufficient margin within power dissipation for usage.
Calculation of the maximum internal power consumption of IC (PMAX)
PMAX=(VIN-VOUT)×IOUT(MAX.)
(VIN: Input voltage VOUT: Output voltage IOUT(MAX): Maximum output current)
Measurement conditions
Standard ROHM Board
Layout of Board for
Measurement
IC
Implementation
Position
Top Layer (Top View)
Bottom Layer (Top View)
Measurement State
With board implemented (Wind speed 0 m/s)
Board Material
Glass epoxy resin (Double-side board)
Board Size
70 mm x 70 mm x 1.6 mm
Wiring
Rate
Top layer
Metal (GND) wiring rate: Approx. 0%
Bottom
layer
Metal (GND) wiring rate: Approx. 50%
Through Hole
Diameter 0.5mm x 6 holes
Power Dissipation
0.54W
Thermal Resistance
θja=185.2°C/W
* Please design the margin so that
PMAX becomes is than Pd (PMAX
<Pd)
within the usage temperature range
Fig. 28 SSOP5 Power dissipation heat reduction characteristics (Reference)
0
0.1
0.2
0.3
0.4
0.5
0.6
0
25
50
75
100
125
Ta [℃]
0.54W
85
Standard ROHM
Board


Similar Part No. - BU28TD3WG-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU28TD3WG-XTR ROHM-BU28TD3WG-XTR Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BU28TD3WG-XTR ROHM-BU28TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

Similar Description - BU28TD3WG-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com