Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA5AT148 Datasheet(PDF) 2 Page - Rohm

Part # FMA5AT148
Description  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA5AT148 Datasheet(HTML) 2 Page - Rohm

  FMA5AT148 Datasheet HTML 1Page - Rohm FMA5AT148 Datasheet HTML 2Page - Rohm FMA5AT148 Datasheet HTML 3Page - Rohm FMA5AT148 Datasheet HTML 4Page - Rohm FMA5AT148 Datasheet HTML 5Page - Rohm FMA5AT148 Datasheet HTML 6Page - Rohm FMA5AT148 Datasheet HTML 7Page - Rohm FMA5AT148 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA5 / UMA5N / FMA5A
lAbsolute maximum ratings
(Ta = 25°C)
<For Tr1 and Tr2 in common>
Supply voltage
Input voltage
Output current
Collector current
Power dissipation
EMA5 / UMA5N
FMA5A
Junction temperature
Range of storage temperature
lElectrical characteristics
(Ta = 25°C)
<For Tr1 and Tr2 in common>
*1 Characteristics of built-in transistor
*2 Each terminal mounted on a reference footprint
*3 120mW per element must not be exceeded.
*4 200mW per element must not be exceeded.
Parameter
Symbol
Values
Unit
VCC
-
50
V
IC(MAX.)*1
-
100
mA
VIN
-
12 to +5
V
IO
-
100
mA
Tj
150
°C
Tstg
-
55 to +150
°C
-
-
0.1
-
0.3
V
-
1.1
-
-
mA
-
-
-
0.5
m
A
-
-
-
3.6
-
1.54
2.2
2.86
kW
80
-
-
-
-
250
-
MHz
17
21
26
PD *2
150 (Total) *3
300 (Total) *4
mW
mW
Conditions
Input voltage
VI(off)
VCC = -5V, IO = -100mA
V
VI(on)
VO = -0.3V, IO = -5mA
Unit
-
-
-
0.5
Min.
Typ.
Max.
Parameter
Symbol
IO / II = -5mA / -0.25mA
Input current
II
VI = -5V
Output current
IO(off)
VCC = -50V, VI = 0V
Output voltage
VO(on)
VCE = -10V, IE = 5mA,
f = 100MHz
VO = -5V, IO = -10mA
Input resistance
R1
-
Resistance ratio
R2/R1
-
Transition frequency
fT *1
DC current gain
GI
2/7
2012.06 - Rev.B


Similar Part No. - FMA5AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA5A ROHM-FMA5A Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
FMA5A ROHM-FMA5A Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
More results

Similar Description - FMA5AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMB2N ROHM-UMB2N_12 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA9AT148 ROHM-FMA9AT148 Datasheet
425Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com