Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA5AT148 Datasheet(PDF) 6 Page - Rohm

Part # FMA5AT148
Description  PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA5AT148 Datasheet(HTML) 6 Page - Rohm

  FMA5AT148 Datasheet HTML 1Page - Rohm FMA5AT148 Datasheet HTML 2Page - Rohm FMA5AT148 Datasheet HTML 3Page - Rohm FMA5AT148 Datasheet HTML 4Page - Rohm FMA5AT148 Datasheet HTML 5Page - Rohm FMA5AT148 Datasheet HTML 6Page - Rohm FMA5AT148 Datasheet HTML 7Page - Rohm FMA5AT148 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMA5 / UMA5N / FMA5A
lDimensions
(Unit : mm)
Dimension in mm/inches
UMT5
Patterm of terminal position areas
x
S A
A
D
b
c
Q
A3
y S
b2
S
e
e
MIN
MAX
MIN
MAX
A
0.80
1.00
0.031
0.039
A1
0.00
0.10
0
0.004
A3
b
0.15
0.30
0.006
0.012
c
0.10
0.20
0.004
0.008
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L1
0.20
0.50
0.008
0.02
Lp
0.25
0.55
0.01
0.022
Q
0.10
0.30
0.004
0.012
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.40
-
0.016
l1
-
0.65
-
0.026
0.25
0.01
DIM
MILIMETERS
INCHES
1.55
0.06
DIM
MILIMETERS
INCHES
0.65
0.03
6/7
2012.06 - Rev.B


Similar Part No. - FMA5AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA5A ROHM-FMA5A Datasheet
69Kb / 3P
   Emitter common (dual digital transistors)
FMA5A ROHM-FMA5A Datasheet
1Mb / 11P
   Emitter common Dual digital transistors
More results

Similar Description - FMA5AT148

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA1AT148 ROHM-FMA1AT148 Datasheet
422Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
EMB10T2R ROHM-EMB10T2R Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
IMB10AT110 ROHM-IMB10AT110 Datasheet
526Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
UMB2N ROHM-UMB2N_12 Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA2AT148 ROHM-FMA2AT148 Datasheet
444Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA9AT148 ROHM-FMA9AT148 Datasheet
425Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
IMH9AT110 ROHM-IMH9AT110 Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
UMH11NTN ROHM-UMH11NTN Datasheet
471Kb / 8P
   NPN 100mA 50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com