Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW06035K11FKEA Datasheet(PDF) 11 Page - Vishay Siliconix

Part # CRCW06035K11FKEA
Description  5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW06035K11FKEA Datasheet(HTML) 11 Page - Vishay Siliconix

Back Button CRCW06035K11FKEA Datasheet HTML 7Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 8Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 9Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 10Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 11Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 12Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 13Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 14Page - Vishay Siliconix CRCW06035K11FKEA Datasheet HTML 15Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
SiP12107
www.vishay.com
Vishay Siliconix
S12-0412-Rev. B, 20-Feb-12
11
Document Number: 63395
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
OPERATIONAL DESCRIPTION
Device Overview
SiP12107 is a high-efficiency monolithic synchronous buck
regulator capable of delivering up to 3 A continuous current.
The device has programmable switching frequency up to
4 MHz. The control scheme is based on current-mode
constant-on-time architecture, which delivers fast transient
response and minimizes external components. Thanks to
the internal current ramp information, no high-ESR output
bulk or virtual ESR network is required for the loop stability.
This device also incorporates Power-Saving feature by
enabling diode emulation mode and frequency foldback as
load decrease.
SiP12107 has a full set of protection and monitoring
features:
- Over current protection in pulse-by-pulse mode
- Output over voltage protection
- Output under voltage protection with device latch
- Over temperature protection with hysteresis
- Dedicated enable pin for easy power sequencing
- Power Good open drain output
This device is available in MLPQ 3 x 3-16L package to
deliver high power density and minimize PCB area.
Power Stage
SiP12107 integrates a high-performance power stage with
a ~ 64 m
 p-channel MOSFET and a ~ 33 m n-channel
MOSFET. The MOSFETs are optimized to achieve 95 %
efficiency at 2 MHz switching frequency.
The power input voltage (VIN) can go up to 5.5 V and down
as low as 2.8 V for the power conversion. The logic bias
voltage (AVIN) ranges from 2.8 V to 5.5 V.
PWM Control Mechanism
SiP12107 employs a state-of-the-art current-mode COT
control mechanism. During steady-state operation, output
voltage is compared with internal reference (0.6 V typ.) and
the amplified error signal (VCOMP) is generated on the COMP
pin. In the meantime, inductor valley current is sensed, and
its slope (Isense) is converted into a voltage signal (Vcurrent) to
be compared with VCOMP. Once Vcurrent is lower than VCOMP,
a single shot on-time is generated for a fixed time
programmed by the external RON. Figure 4 illustrates the
basic block diagram for CM-COT architecture and figure 5
demonstrates the basic operational principle:
Fig. 4 - CM-COT Block Diagram
HG
LG
HG
LG
OTA
-
+
Bandgap
V
ref
V
OUT
Current
Mirror
LS FET
PWM
COMPARATOR
-
+
-
+
V
IN
I-AMP
ON-TIME
Generator
V
OUT
V
IN
R
ON
Control
Logic &
MOSFET
Driver
Vcomp
Isense
Vcurrent


Similar Part No. - CRCW06035K11FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06035K11FHEAP VISHAY-CRCW06035K11FHEAP Datasheet
107Kb / 6P
   Lead (Pb)-Free Thick Film, Rectangular, Semi-Precision Chip Resistors
Revision: 03-Apr-13
More results

Similar Description - CRCW06035K11FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12107 VISHAY-SIP12107_V01 Datasheet
911Kb / 20P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12117 VISHAY-SIP12117_V01 Datasheet
965Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116_V01 Datasheet
978Kb / 17P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
01-Jan-2022
SIP12116 VISHAY-SIP12116 Datasheet
942Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. C, 06-Mar-17
SIP12117 VISHAY-SIP12117 Datasheet
926Kb / 18P
   3 A Current Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 06-Mar-17
logo
Analog Devices
ADP1872 AD-ADP1872 Datasheet
67Kb / 1P
   Synchronous Current-Mode with Constant On-time, PWM Buck
Rev. PrA
logo
Texas Instruments
LM5017MRX_NOPB TI1-LM5017MRX_NOPB Datasheet
1Mb / 19P
[Old version datasheet]   600mA Constant On-Time Synchronous Buck Regulator
logo
Analog Devices
ADP1882 AD-ADP1882 Datasheet
1Mb / 40P
   Synchronous Current-Mode with Constant On-Time,PWM Buck Controller
REV. 0
logo
Texas Instruments
LM5017 TI-LM5017_15 Datasheet
1Mb / 31P
[Old version datasheet]   100-V, 600-mA Constant On-Time Synchronous Buck Regulator
LM5019 TI-LM5019_15 Datasheet
1Mb / 30P
[Old version datasheet]   100-V, 100-mA Constant On-Time Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com