Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU12TD3WG-GTR Datasheet(PDF) 4 Page - Rohm

Part # BU12TD3WG-GTR
Description  Versatile Package FULL CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU12TD3WG-GTR Datasheet(HTML) 4 Page - Rohm

  BU12TD3WG-GTR Datasheet HTML 1Page - Rohm BU12TD3WG-GTR Datasheet HTML 2Page - Rohm BU12TD3WG-GTR Datasheet HTML 3Page - Rohm BU12TD3WG-GTR Datasheet HTML 4Page - Rohm BU12TD3WG-GTR Datasheet HTML 5Page - Rohm BU12TD3WG-GTR Datasheet HTML 6Page - Rohm BU12TD3WG-GTR Datasheet HTML 7Page - Rohm BU12TD3WG-GTR Datasheet HTML 8Page - Rohm BU12TD3WG-GTR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・15・001
4/10
30.JUL.2013.Rev.002
BUxxTD3WG series
Datasheet
●Electrical Characteristics
(Ta=25℃, VIN=VOUT+1.0V (*3), STBY=VIN, Cin=0.47μF, Co=0.47μF, unless otherwise noted.)
This product is not designed for protection against radioactive rays.
(*3) VIN=2.5V for VOUT≦1.5V
(*4) VIN=2.5V to 3.6V for VOUT≦1.5V
●ELECTRICAL CHARACTERISTICS of each Output Voltage
(Ta=25℃, STBY=VIN, Cin=0.47μF, Co=0.47μF, unless otherwise noted.)
●Block Diagrams
PARAMETER
Symbol
Limit
Unit
Conditions
MIN.
TYP.
MAX.
Overall Device
Output Voltage
VOUT
VOUT×0.99
VOUT
VOUT×1.01
V
IOUT=10μA, VOUT≧2.5V
VOUT-25mV
VOUT+25mV
IOUT=10μA, VOUT<2.5V
Operating Current
IIN
-
35
60
μA
IOUT=0mA
Operating Current (STBY)
ISTBY
-
-
1.0
μA
STBY=0V
Ripple Rejection Ratio
RR
45
70
-
dB
VRR=-20dBv, fRR=1kHz, IOUT=10mA
Dropout Voltage
VSAT
-
280
540
mV
2.5V≦VOUT≦2.6V (VIN=0.98*VOUT, IOUT=200mA)
-
260
500
mV
2.7V≦VOUT≦2.85V (VIN=0.98*VOUT, IOUT=200mA)
-
240
460
mV
2.9V≦VOUT≦3.1V (VIN=0.98*VOUT, IOUT=200mA)
-
220
420
mV
3.2V≦VOUT≦3.4V (VIN=0.98*VOUT, IOUT=200mA)
Line Regulation
VDL
-
2
20
mV
VIN=VOUT+1.0V to 5.5V (*4), IOUT=10μA
Load Regulation
VDLO
-
10
80
mV
IOUT=0.01mA to 100mA
Over Current Protection (OCP)
Limit Current
ILMAX
220
400
700
mA
Vo=VOUT*0.95
Short Current
ISHORT
20
70
150
mA
Vo=0V
Standby Block
Discharge Resistor
RDSC
20
50
80
Ω
VIN=4.0V, STBY=0V, VOUT=4.0V
STBY Pin Pull-down Current
ISTB
0.1
0.6
2.0
μA
STBY=1.5V
STBY Control Voltage
ON
VSTBH
1.2
-
6.0
V
OFF
VSTBL
-0.3
-
0.3
V
Output Voltage
PARAMETER
MIN.
TYP.
MAX.
Unit
Conditions
1.0V, 1.1V, 1.2V, 1.25V, 1.3V
Maximum
output current
80
160
-
mA
VIN=1.7V
200
-
-
VIN=2.1V
1.5V
60
120
-
VIN=1.8V
200
-
-
VIN=2.2V
1.8V, 1.85V, 1.9V, 2.0V, 2.1V
200
-
-
VIN=VOUT+0.6V
Cin・・・0.47μF (Ceramic)
Co ・・・0.47μF (Ceramic)
1
3
5
2
Cin
VIN
GND
STBY
STBY
VOUT
VOUT
Co
VREF
OCP
STBY
Discharge
TSD
VIN
Fig. 2 Block Diagrams


Similar Part No. - BU12TD3WG-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU12TD3WG-XTR ROHM-BU12TD3WG-XTR Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BU12TD3WG-XTR ROHM-BU12TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

Similar Description - BU12TD3WG-GTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com