Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW06030000Z0EA Datasheet(PDF) 5 Page - Vishay Siliconix

Part # CRCW06030000Z0EA
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW06030000Z0EA Datasheet(HTML) 5 Page - Vishay Siliconix

  CRCW06030000Z0EA Datasheet HTML 1Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 2Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 3Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 4Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 5Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 6Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 7Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 8Page - Vishay Siliconix CRCW06030000Z0EA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Document Number: 66550
S12-0628-Rev. C, 19-Mar-12
www.vishay.com
5
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: analogswitchtechsupport@vishay.com
Notes:
a. VIN UVLO is programmable using a resistor divider from VIN to ENL to AGND. The ENL voltage is compared to an internal reference.
b. Guaranteed by design.
c. The switch-over threshold is the maximum voltage diff erential between the VLDO and VOUT pins which ensures that VLDO will internally
switch-over to VOUT. The non-switch-over threshold is the minimum voltage diff erential between the VLDO and VOUT pins which ensures that
VLDO will not switch-over to VOUT.
d. The LDO drop out voltage is the voltage at which the LDO output drops 2 % below the nominal regulation point.
Fault Protection
ILIM Source Current
ILIM
8µA
Valley Current Limit
RILIM = 6 kVDD = 5 V,
25°C bench testing
4.5
6
7.2
A
Output Under-Voltage Fault
VOUV_Fault
VFB with respect to Internal 500 mV
reference, 8 consecutive clocks
- 25
%
Smart Power-Save Protection
Threshold Voltageb
PSAVE_VTH
VFB with respect to internal 500 mV
reference, 25°C bench testing
+ 10
%
Over-Voltage Protection Threshold
VFB with respect to internal 500 mV
reference
+ 20
Over-Voltage Fault Delayb
tOV-Delay
25°C bench testing
5
µs
Over Temperature Shutdownb
TShut
10 °C hysteresis, 25°C bench testing
150
°C
Logic Inputs/Outputs
Logic Input High Voltage
VIH
EN, ENL, PSV
1
V
Logic Input Low Voltage
VIL
0.4
EN/PSV Input Bias Current
IEN
EN/PSV = VDD or AGND
- 10
+ 10
µA
ENL Input Bias Current
IENL
VIN = 28 V
11
18
FBL, FB Input Bias Current
FBL_ILK
FBL, FB = VDD or AGND
- 1
+ 1
Linear Dropout Regulator
FBL Accuracy
FBLACC
VLDO load = 10 mA
0.735
0.750
0.765
V
LDO Current Limit
LDO_ILIM
Start-up and foldback, VIN = 12 V
115
mA
Operating current limit, VIN = 12 V
134
200
VLDO to VOUT Switch-Over Threshold
c
VLDO-BPS
- 130
+ 130
mV
VLDO to VOUT Non-Switch-Over Threshold
c
VLDO-NBPS
- 500
+ 500
VLDO to VOUT Switch-Over Resistance
RLDO
VOUT = 5 V
2
LDO Drop Out Voltaged
From VIN to VVLDO, VVLDO = + 5 V,
IVLDO = 100 mA
1.2
V
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 12 V, VDD = 5 V, TA = + 25 °C for typ.,
- 40 °C to + 85 °C for min. and max.,
TJ = < 125 °C
Min.
Typ.
Max.
Unit


Similar Part No. - CRCW06030000Z0EA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CRCW06030000Z0EA NSC-CRCW06030000Z0EA Datasheet
607Kb / 8P
   Evaluation Board Reference Design integrates a boost converter
logo
Analog Devices
CRCW06030000Z0EA AD-CRCW06030000Z0EA Datasheet
282Kb / 8P
   Evaluation Board for FSK AD5700/AD5700-1 HART Modem
REV. A
logo
Vishay Siliconix
CRCW06030000Z0EA VISHAY-CRCW06030000Z0EA Datasheet
715Kb / 19P
   5 V, 3 A Current-Mode Constant On-Time Synchronous Buck Regulator
Rev. B, 20-Feb-12
CRCW06030000Z0EA VISHAY-CRCW06030000Z0EA Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
logo
ON Semiconductor
CRCW06030000Z0EA ONSEMI-CRCW06030000Z0EA Datasheet
1Mb / 17P
   NCV97311A Evaluation Board Users Manual
April, 2019 ??Rev. 0
More results

Similar Description - CRCW06030000Z0EA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com