Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRCW06031K50FKEA Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCW06031K50FKEA
Description  microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW06031K50FKEA Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCW06031K50FKEA Datasheet HTML 1Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 2Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 3Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 4Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 5Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 6Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 7Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 8Page - Vishay Siliconix CRCW06031K50FKEA Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Document Number: 66550
S12-0628-Rev. C, 19-Mar-12
www.vishay.com
3
Vishay Siliconix
SiC403
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical support, please contact: analogswitchtechsupport@vishay.com
FUNCTIONAL BLOCK DIAGRAM
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is
not implied. Exposure to absolute maximum rating/conditions for extended periods may affect device reliability.
Note:
For proper operation, the device should be used within the recommended conditions.
Gate Drive
Control
On-Time
Generator
+
-
Zero Cross
Detector
FB Comparator
Soft Start
Reference
VDD
26
29
AGND
4, 30,
PAD 1
PGOOD
Control and Status
EN/PSV
1
31
2
3
FB
TON
VOUT
Valley1-Limit
Bypass Comparator
A
B
Y
LDO
32
ENL
VIN
VDD
MUX
VDD
DL
27
8
BST
LX
ILIM
PGND
VIN
VIN
VDD
15 to 22
13, 23 to 25,
28, PAD 3
6, 9-11, PAD 2
VDD
5
FBL
7
SS
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Min.
Max.
Unit
LX to PGND Voltage
VLX
- 0.3
+ 30
V
LX to PGND Voltage (transient - 100 ns)
VLX
- 2
+ 30
VIN to PGND Voltage
VIN
- 0.3
+ 30
EN/PSV, PGOOD, ILIM, to AGND
- 0.3
VDD + 0.3
BST Bootstrap to LX; VDD to PGND
- 0.3
+ 6
AGND to PGND
VAG-PG
- 0.3
+ 0.3
EN/PSV, PGOOD, ILIM, VOUT, VLDO, FB, FBL to GND
- 0.3
+ (VDD + 0.3)
tON to PGND
- 0.3
+ (VDD - 1.5)
BST to PGND
- 0.3
+ 35
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input Voltage
VIN
328
V
VDD to PGND
VDD
35.5
VOUT to PGND
VOUT
0.75
5.5
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Storage Temperature
TSTG
- 40
+ 150
°C
Maximum Junction Temperature
TJ
-
150
Operation Junction Temperature
TJ
- 25
+ 125


Similar Part No. - CRCW06031K50FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW06031K50FKEAHP VISHAY-CRCW06031K50FKEAHP Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
More results

Similar Description - CRCW06031K50FKEA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC403 VISHAY-SIC403 Datasheet
609Kb / 25P
   microBUCK SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
Rev. B, 15-Aug-11
SIC403 VISHAY-SIC403_V01 Datasheet
624Kb / 26P
   microBUCK짰 SiC403 6 A, 28 V Integrated Buck Regulator with Programmable LDO
01-Jan-2019
SIC417 VISHAY-SIC417 Datasheet
932Kb / 21P
   microBUCK SiC417 10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   microBUCK SiC414 6 A, 28 V Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC403A VISHAY-SIC403A_13 Datasheet
1Mb / 25P
   6 A microBUCK SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC403A VISHAY-SIC403A Datasheet
1Mb / 24P
   6 A microBUCK® SiC403A/B Integrated Buck Regulator with Programmable LDO
Rev. A, 27-Aug-12
SIC414 VISHAY-SIC414 Datasheet
1Mb / 24P
   6 A, microBUCK SiC414, SiC424 Integrated Buck Regulator with 5 V LDO
Rev. B, 04-Feb-13
SIC401A VISHAY-SIC401A Datasheet
1Mb / 28P
   15 A microBUCK SiC401A/B Integrated Buck Regulator with Programmable LDO
Rev. C, 03-Sep-12
SIC402A VISHAY-SIC402A Datasheet
1Mb / 26P
   10 A microBUCK SiC402A/B Integrated Buck Regulator with Programmable LDO
Rev. B, 03-Sep-12
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
   10-A, 28-V Integrated Buck Regulator with Programmable LDO
Rev. D, 14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com