Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3841FS-E2 Datasheet(PDF) 8 Page - Rohm

Part # BD3841FS-E2
Description  6ch / 9ch Stereo Input Selectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3841FS-E2 Datasheet(HTML) 8 Page - Rohm

Back Button BD3841FS-E2 Datasheet HTML 2Page - Rohm BD3841FS-E2 Datasheet HTML 3Page - Rohm BD3841FS-E2 Datasheet HTML 4Page - Rohm BD3841FS-E2 Datasheet HTML 5Page - Rohm BD3841FS-E2 Datasheet HTML 6Page - Rohm BD3841FS-E2 Datasheet HTML 7Page - Rohm BD3841FS-E2 Datasheet HTML 8Page - Rohm BD3841FS-E2 Datasheet HTML 9Page - Rohm BD3841FS-E2 Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BD3843FS,BD3841FS
Notes for use
1. Numbers and data in entries are representative design values and are not guaranteed values of the items.
2. Although ROHM is confident that the example application circuit reflects the best possible recommendations, be sure to
verify circuit characteristics for your particular application. Modification of constants for other externally connected circuits
may cause variations in both static and transient characteristics for external components as well as this Rohm IC. Allow for
sufficient margins when determining circuit constants.
3. Absolute maximum ratings
Use of the IC in excess of absolute maximum ratings, such as the applied voltage or operating temperature range (Topr),
may result in IC damage. Assumptions should not be made regarding the state of the IC (short mode or open mode) when
such damage is suffered. A physical safety measure, such as a fuse, should be implemented when using the IC at times
where the absolute maximum ratings may be exceeded.
4. VEE potential
Make the VEE pin voltage such that it is the lowest voltage even when operating below it. Actually confirm that the
voltage of each pin does not become a lower voltage than the VEE pin, including transient phenomena.
5. Thermal design
Perform thermal design, in which there are adequate margins, by taking into account the power dissipation (Pd) in actual
states of use.
6. Short circuit between terminals and erroneous mounting
Pay attention to the assembly direction of the ICs. Wrong mounting direction or shorts between terminals, GND, or other
components on the circuits, can damage the IC.
7. Operation in strong electromagnetic field
Using the ICs in a strong electromagnetic field can cause operation malfunction.
8. Operating Voltage Range and Operating Temperature Range
Circuit function actions are guaranteed within the action voltage range and the action temperature range. However, the
specific values of the electrical characteristics are guaranteed under the specified conditions of the electrical
characteristics. Therefore, carry out set considerations in sufficient consideration of IC characteristic fluctuations..
9. Power ON/OFF
(a) At power ON/OFF, a shock sound will be generated. Therefore, use MUTE on the set.
(b) When turning on power supplies, VEE and VCC should be powered on simultaneously, or VEE first followed by
VCC. If the VCC side is started up first, an excessive current may flow from VCC to VEE.
10. Serial control
For the CL and DA terminals, the patterned and other wirings should be routed as not to cause interference with the
analog-signal-related lines.
11. Function switching
For all functions, other than Master Volume, Treble, and Bass Gain Settings, use MUTE on the set.


Similar Part No. - BD3841FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3841FS ROHM-BD3841FS Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
More results

Similar Description - BD3841FS-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3843FS ROHM-BD3843FS_1 Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
logo
Rohm
BD3452KS ROHM-BD3452KS Datasheet
224Kb / 6P
   8ch Volume with 9ch input selector
logo
Asahi Kasei Microsystem...
AP4202 AKM-AP4202 Datasheet
1Mb / 28P
   100mA 9ch LED
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com