Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3841FS Datasheet(PDF) 3 Page - Rohm

Part # BD3841FS
Description  6ch / 9ch Stereo Input Selectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3841FS Datasheet(HTML) 3 Page - Rohm

  BD3841FS Datasheet HTML 1Page - Rohm BD3841FS Datasheet HTML 2Page - Rohm BD3841FS Datasheet HTML 3Page - Rohm BD3841FS Datasheet HTML 4Page - Rohm BD3841FS Datasheet HTML 5Page - Rohm BD3841FS Datasheet HTML 6Page - Rohm BD3841FS Datasheet HTML 7Page - Rohm BD3841FS Datasheet HTML 8Page - Rohm BD3841FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BD3843FS,BD3841FS
Timing chart
1. Signal timing standards
Data is read at the rise of clock.
Latch is read at the fall of clock.
End latch signal at LOW.
* To avoid malfunctions, clock and data signals must terminate with the LOW state.
1byte=17bit
Fig.1
Parameter
Symbol
Limit
Unit
Min.
Typ.
Max.
Minimum clock width
twc
2.0
µs
Minimum data width
twd
2.0
µs
Minimum latch width
twl
2.0
µs
LOW hold width
twh
2.0
µs
Data setup time (DATA→CLK)
tsd
1.0
µs
Data hold time (CLK→DATA)
thd
1.0
µs
Latch setup time (CLK→LATCH)
tsl
1.0
µs
Latch hold time (DATA→LATCH)
thl
1.0
µs
Latch low setup time
ts
1.0
µs
Latch low hold time
th
1.0
µs
2. Voltage standards of control signal
Parameter
Conditions
Limits
Unit
Min.
Typ.
Max.(≦Vcc)
“H” input voltage
Vcc=5~7.3V
VEE=-5~-7.3V
2.2
5.5
V
“L” input voltage
0
1.0
V
CL
(CLOCK)
DA
DATA
LATCH
thd
thd
th
ts
tsl
thl
tsd
twc
twh
twd
twl
tsu
DATA
DATA
LATCH
90%
90%
90%
90%
10%
10%
10%
90%
90%
90%
90%
90%
10%
10%
10%
twc
Finish at Low


Similar Part No. - BD3841FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3841FS ROHM-BD3841FS Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
More results

Similar Description - BD3841FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3843FS ROHM-BD3843FS_1 Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
logo
Rohm
BD3452KS ROHM-BD3452KS Datasheet
224Kb / 6P
   8ch Volume with 9ch input selector
logo
Asahi Kasei Microsystem...
AP4202 AKM-AP4202 Datasheet
1Mb / 28P
   100mA 9ch LED
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com