Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3841FS Datasheet(PDF) 7 Page - Rohm

Part # BD3841FS
Description  6ch / 9ch Stereo Input Selectors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3841FS Datasheet(HTML) 7 Page - Rohm

Back Button BD3841FS Datasheet HTML 2Page - Rohm BD3841FS Datasheet HTML 3Page - Rohm BD3841FS Datasheet HTML 4Page - Rohm BD3841FS Datasheet HTML 5Page - Rohm BD3841FS Datasheet HTML 6Page - Rohm BD3841FS Datasheet HTML 7Page - Rohm BD3841FS Datasheet HTML 8Page - Rohm BD3841FS Datasheet HTML 9Page - Rohm BD3841FS Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7/9
www.rohm.com
2010.06 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Technical Note
BD3843FS,BD3841FS
-5
-4
-3
-2
-1
0
1
2
3
4
5
02
4
68
10
VCC,VEE (V)
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
INPUT VOLTAGE (Vrms)
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
INPUT VOLTAGE (Vrms)
-2
-1
0
1
2
10
100
1000
10000
100000
FREQUENCY(Hz)
0.0
1.0
2.0
3.0
4.0
5.0
024
68
10
VCC,VEE (V)
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
INPUT VOLTAGE (Vrms)
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
10
INPUT VOLTAGE (Vrms)
-2
-1
0
1
2
10
100
1000
10000
100000
FREQUENCY (Hz)
0.0
1.0
2.0
3.0
4.0
5.0
02
46
8
10
VCC,VEE(V)
Reference data
Fig.6 Circuit Current - Supply
Voltage
Fig.7 Output Voltage - Input
Voltage
Fig.8 Total Harmonic
Distortion - Input Voltage
Fig.9 Voltage Gain -
Frequency
Fig.10 Output Noise Voltage –
Supply Voltage
Fig.11 REC Output Voltage -
Input Voltage
Fig.12 REC Total Harmonic Distortion
- Input Voltage
Fig.13 REC Voltage Gain -
Frequency
Fig.14 REC Output Noise -
Supply Voltage
VCC
VEE


Similar Part No. - BD3841FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3841FS ROHM-BD3841FS Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
More results

Similar Description - BD3841FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3843FS ROHM-BD3843FS_1 Datasheet
331Kb / 10P
   6ch/9ch Stereo Input Selectors
logo
Renesas Technology Corp
M61531FP RENESAS-M61531FP Datasheet
359Kb / 20P
   6ch Electronic Volume with 10 Input Selectors
logo
Rohm
BD3452KS ROHM-BD3452KS Datasheet
224Kb / 6P
   8ch Volume with 9ch input selector
logo
Asahi Kasei Microsystem...
AP4202 AKM-AP4202 Datasheet
1Mb / 28P
   100mA 9ch LED
logo
Rohm
BD3811K1 ROHM-BD3811K1 Datasheet
216Kb / 6P
   6ch Volume with 8ch input selector
BD3841FS ROHM-BD3841FS Datasheet
192Kb / 6P
   9ch Function Switch
BD3818KS ROHM-BD3818KS Datasheet
238Kb / 6P
   6ch Volume with 5ch input selector
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
M61540FP RENESAS-M61540FP Datasheet
157Kb / 17P
   6ch Electronic Volume with 5 Input Selector
logo
Hitachi Semiconductor
M61540FP HITACHI-M61540FP Datasheet
158Kb / 17P
   6ch Electronic Volume with 5 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com