Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU31TD3WG-TR Datasheet(PDF) 1 Page - Rohm

Part # BU31TD3WG-TR
Description  Versatile Package FULL CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU31TD3WG-TR Datasheet(HTML) 1 Page - Rohm

  BU31TD3WG-TR Datasheet HTML 1Page - Rohm BU31TD3WG-TR Datasheet HTML 2Page - Rohm BU31TD3WG-TR Datasheet HTML 3Page - Rohm BU31TD3WG-TR Datasheet HTML 4Page - Rohm BU31TD3WG-TR Datasheet HTML 5Page - Rohm BU31TD3WG-TR Datasheet HTML 6Page - Rohm BU31TD3WG-TR Datasheet HTML 7Page - Rohm BU31TD3WG-TR Datasheet HTML 8Page - Rohm BU31TD3WG-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RBR0A300030-1-2
TSZ22111・14・001
1/10
30.JUL.2013.Rev.002
Datasheet
CMOS LDO Regulator Series for Portable Equipments
Versatile Package
FULL CMOS LDO Regulator
BUxxTD3WG series
●General Description
BUxxTD3WG series is high-performance FULL CMOS
regulator with 200-mA output, which is mounted on
versatile package SSOP5 (2.9 mm
× 2.8 mm × 1.25 mm).
It
has
excellent
noise
characteristics
and
load
responsiveness characteristics despite its low circuit
current consumption of 35
μA. It is most appropriate for
various applications such as power supplies for logic IC,
RF, and camera modules.ROHM’s.
●Features
High accuracy detection
low current consumption
Compatible with small ceramic capacitor(Cin=Co=0.47uF)
With built-in output discharge circuit
High ripple rejection
ON/OFF control of output voltage
With built-in over current protection circuit
and thermal shutdown circuit
Package SSOP5 is similar to SOT-23-5 (JEDEC)
Low dropout voltage
●Typical Application Circuit
●Key Specifications
Output voltage:
1.0V to 3.4V
Accuracy output voltage:
±1.0% (±25mV)
Low current consumption:
35μA
Operating temperature range:
-40°C to +85°C
●Applications
Battery-powered portable equipment, etc.
●Package
SSOP5:
2.90mm x 2.80mm x 1.25mm
Fig.1 Application Circuit
Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays.
STBY
VIN
GND
STBY
GND
GND
VOUT
VOUT
VIN


Similar Part No. - BU31TD3WG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU31TD3WG-XTR ROHM-BU31TD3WG-XTR Datasheet
567Kb / 12P
   High accuracy detection, low current consumption
BU31TD3WG-XTR ROHM-BU31TD3WG-XTR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
More results

Similar Description - BU31TD3WG-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU30TD3WG-TR ROHM-BU30TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU10UA3WNVX-TL ROHM-BU10UA3WNVX-TL Datasheet
682Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG ROHM-BU33TD3WG Datasheet
1,018Kb / 15P
   Versatile Package FULL CMOS LDO Regulator
BU10UB3WG-GTR ROHM-BU10UB3WG-GTR Datasheet
685Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU21TD3WG-TR ROHM-BU21TD3WG-TR Datasheet
562Kb / 13P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG-TR ROHM-BU18TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU33TD3WG-TR ROHM-BU33TD3WG-TR Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator
BU25TD3WG-TR ROHM-BU25TD3WG-TR Datasheet
615Kb / 14P
   Versatile Package FULL CMOS LDO Regulator
BU18TD3WG ROHM-BU18TD3WG Datasheet
567Kb / 12P
   Versatile Package FULL CMOS LDO Regulator High ripple rejection
BU2JTH5WNVX ROHM-BU2JTH5WNVX Datasheet
570Kb / 13P
   High Ripple Rejection, Low Current Consumption, Versatile Package FULL CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com