Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWH-030A6F Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # FWH-030A6F
Description  Ferrule fuses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWH-030A6F Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  FWH-030A6F Datasheet HTML 1Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 2Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 3Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 4Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 5Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 6Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 7Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 8Page - Cooper Bussmann, Inc. FWH-030A6F Datasheet HTML 9Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
196
High Speed Fuses
Ferrule fuses
Table of Contents
Basic Catalog
Amp
Number
Volts
Range
Page
FWA
150
5-60
197-198
FWX
250
1-50
199-200
FWH
500
0.25-30
201-204
FWC
600
6-32
205-206
FWP
690V/700
1-100
207-210
FWK
750
5-60
211-212
FWJ
1000
20-30
213-214
FWL/FWS
1250/1500/2000
2-30
215
Accessories
Fuse Holders
216
Ferrule Fuse Ranges
Volts
Amps
AC
DC
150
5-60
X
X
250
1-50
X
X
500
0.25-30
X
X
600
6-32
X
X
700 (22 x 58mm)
20-100
X
700 (14 x 51mm)
1-50
X
X
750
5-60
X
X
1000
20-30
X
X (800Vdc)
1250
20-30
X
X (1000Vdc)
1500
8-15
X
X (1000Vdc)
2000
2-6
X
X (1000Vdc)
General Information
Cooper Bussmann offers a full line of ferrule style (cylindrical
clip-mounted) fuses, designed and tested to meet standards
and requirements in various locations around the world.
Their unique design and construction provide:
• Superior cycling capability
• Low energy let-through (I2t)
Ferrule fuses provide an excellent solution for small UPS,
small ac drives and other low power applications where
space is at a premium.
Voltage Rating
All Cooper Bussmann ferrule fuses — except 690V — have
been tested at their rated voltage. The 690V ferrule fuse has
been tested to the IEC 60269 standard, which requires
clearing at the rated voltage +5%.
Accessories
Ferrule fuses may be mounted in fuseclips, fuse holders,
fuse blocks or fused switches. A variety of products are
available. Please consult Cooper Bussmann Application
Engineering to discuss your requirement.


Similar Part No. - FWH-030A6F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWH-030A6F COOPER-FWH-030A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
logo
Eaton All Rights Reserv...
FWH-030A6F EATON-FWH-030A6F Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
logo
Cooper Bussmann, Inc.
FWH-030A6FR COOPER-FWH-030A6FR Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
logo
Eaton All Rights Reserv...
FWH-030A6FR EATON-FWH-030A6FR Datasheet
619Kb / 2P
   FWH 6x32mm high speed ferrule fuses
More results

Similar Description - FWH-030A6F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
   5mm 횇 25mm Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com