Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC1220EG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC1220EG4
Description  20-Bit, Low-Power Digital-to-Analog Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC1220EG4 Datasheet(HTML) 5 Page - Texas Instruments

  DAC1220EG4 Datasheet HTML 1Page - Texas Instruments DAC1220EG4 Datasheet HTML 2Page - Texas Instruments DAC1220EG4 Datasheet HTML 3Page - Texas Instruments DAC1220EG4 Datasheet HTML 4Page - Texas Instruments DAC1220EG4 Datasheet HTML 5Page - Texas Instruments DAC1220EG4 Datasheet HTML 6Page - Texas Instruments DAC1220EG4 Datasheet HTML 7Page - Texas Instruments DAC1220EG4 Datasheet HTML 8Page - Texas Instruments DAC1220EG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Frequency (Hz)
10
100
1k
10k
60
50
40
30
20
10
0
400mV
PP Ripple
Mid−Range Output
Time (ms)
0
1
2
3
4
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
Code
0
10k
20k
30k
40k
50k
60k
70k
10
8
6
4
2
0
2
−40
°C
+25
°C
+85
°C
Frequency (Hz)
10
100
1k
10k
100k
1M
10k
1k
100
10
1
DAC1220
www.ti.com...................................................................................................................................... SBAS082G – FEBRUARY 1998 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS
At TA = +25°C, AVDD = DVDD = +5.0V, fXIN = 2.5MHz, VREF = 2.5V, C1 = 2.2nF, and calibrated mode, unless otherwise
specified.
POWER-SUPPLY REJECTION RATIO
vs
FREQUENCY
LARGE-SIGNAL SETTLING TIME
Figure 1.
Figure 2.
OUTPUT NOISE VOLTAGE
LINEARITY ERROR
vs
vs
FREQUENCY
CODE
Figure 3.
Figure 4.
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DAC1220


Similar Part No. - DAC1220EG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC1220EG4 TI1-DAC1220EG4 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
More results

Similar Description - DAC1220EG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC1220 BURR-BROWN-DAC1220 Datasheet
123Kb / 14P
   20-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC1220 TI1-DAC1220 Datasheet
622Kb / 26P
[Old version datasheet]   20-Bit, Low-Power Digital-to-Analog Converter
DDC101U TI1-DDC101U Datasheet
265Kb / 29P
[Old version datasheet]   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
DDC101 BURR-BROWN-DDC101 Datasheet
346Kb / 27P
   20-BIT ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3396 APITECH-MN3396 Datasheet
573Kb / 3P
   20-Bit, Digital-to-Analog Converter
logo
Texas Instruments
ADS1254-EP TI1-ADS1254-EP Datasheet
537Kb / 26P
[Old version datasheet]   24-Bit, 20-kHz, LOW POWER ANALOG-TO-DIGITAL CONVERTER
logo
API Technologies Corp
MN3395 APITECH-MN3395 Datasheet
707Kb / 5P
   20-Bit, Deglitched Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC1221 BURR-BROWN-DAC1221 Datasheet
125Kb / 14P
   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
ADS1000-Q1 TI1-ADS1000-Q1_15 Datasheet
967Kb / 27P
[Old version datasheet]   Low-Power 12-Bit Analog-to-Digital Converter
logo
Burr-Brown (TI)
ADS1244 BURR-BROWN-ADS1244 Datasheet
292Kb / 17P
   Low-Power, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com