Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILC5061AM25X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # ILC5061AM25X
Description  Power Supply reset Monitor with 1% Precision
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

ILC5061AM25X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  ILC5061AM25X Datasheet HTML 1Page - Fairchild Semiconductor ILC5061AM25X Datasheet HTML 2Page - Fairchild Semiconductor ILC5061AM25X Datasheet HTML 3Page - Fairchild Semiconductor ILC5061AM25X Datasheet HTML 4Page - Fairchild Semiconductor ILC5061AM25X Datasheet HTML 5Page - Fairchild Semiconductor ILC5061AM25X Datasheet HTML 6Page - Fairchild Semiconductor ILC5061AM25X Datasheet HTML 7Page - Fairchild Semiconductor ILC5061AM25X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Rev. 2.5 1/2/03
3
PRODUCT SPECIFICATION
ILC5061
Functional Description
6
5
4
3
1
2
INPUT VOLTAGE (VIN)
DETECT RELEASE VOLTAGE (VDR)
DETECT FAIL VOLTAGE (VDF)
MINIMUM OPERATING VOLTAGE (VMIN)
GROUND VOLTAGE (VSS)
OUTPUT VOLTAGE (VOUT)
GROUND VOLTAGE (VSS)
The following designators 1~6 refer to the timing diagram below.
1. While the input voltage (VIN) is higher than the detect voltage (VDF), the VOUT output pin is at high impedance
state.
2. When the input VIN voltage falls lower than VDF, VOUT drops near to ground voltage
3. If the input voltage further decreases below the minimum operating voltage (VMIN), the VOUT output becomes
unstable. In this condition, if the VOUT pin is pulled up, VOUT indicates the VIN voltage.
4. During an increase of the input voltage from the VSS voltage, VOUT is not stable in the voltage below the VMIN.
Exceeding that level, the output stays at the ground level (VSS) between the minimum operating voltage (VMIN)
and the detect release voltage (VDR).
5. If the input voltage increases more than VDR, then the VOUT output pin is at high impedance state.
6. The difference between VDR and VDF is the hysteresis in the system.


Similar Part No. - ILC5061AM25X

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC5061AM-26 IMPALA-ILC5061AM-26 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-27 IMPALA-ILC5061AM-27 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-28 IMPALA-ILC5061AM-28 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-29 IMPALA-ILC5061AM-29 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
ILC5061AM-31 IMPALA-ILC5061AM-31 Datasheet
68Kb / 4P
   SOT-23 POWER SUPPLY RESET MONITOR
More results

Similar Description - ILC5061AM25X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ILC5062 FAIRCHILD-ILC5062 Datasheet
507Kb / 9P
   SOT-23 Power Supply reset Monitor with 1% precision
logo
Maxim Integrated Produc...
MAX709 MAXIM-MAX709 Datasheet
69Kb / 8P
   Power-Supply Monitor with Reset
Rev. 1; 6/94
MAX700 MAXIM-MAX700_08 Datasheet
84Kb / 6P
   Power-Supply Monitor with Reset
19-2690; Rev 2; 12/07
MAX709L MAXIM-MAX709L Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700_V01 Datasheet
255Kb / 6P
   Power-Supply Monitor with Reset
2014
MAX709 MAXIM-MAX709_05 Datasheet
178Kb / 8P
   Power-Supply Monitor with Reset
Rev. 2; 12/05
MAX700 MAXIM-MAX700 Datasheet
133Kb / 4P
   Power-Supply Monitor with Reset
1990
logo
Analog Devices
ADM709 AD-ADM709_15 Datasheet
232Kb / 4P
   Power Supply Monitor with Reset
REV. 0
ADM709 AD-ADM709 Datasheet
224Kb / 4P
   Power Supply Monitor with Reset
REV. 0
logo
Summit Microelectronics...
S93662 SUMMIT-S93662 Datasheet
151Kb / 14P
   Precision Supply-Voltage Monitor and Reset Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com