Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FWC-20A10F Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # FWC-20A10F
Description  Ferrule fuses
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

FWC-20A10F Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button FWC-20A10F Datasheet HTML 3Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 4Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 5Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 6Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 7Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 8Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 9Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 10Page - Cooper Bussmann, Inc. FWC-20A10F Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
For product data sheets, visit www.cooperbussmann.com/datasheets/ulcsa
202
High Speed Fuses
Ferrule — FWH 500V: 0.25-30A
.2
.4
.6
.8
10
0
2
24
6
8
2
10
1
24
6
8
2
10
2
Prospective Current In Amps RMS
2
4
6
2
6
4
2
6
4
2
6
4
2
6
4
2
6
4
10
–1
10
–2
4x10
–3
10
0
10
1
10
2
10
3
10
4
FWH-002A6F
FWH-3.15A6F
FWH-005A6F
FWH-6.30A6F
FWH-001A6F
FWH-.500A6F
FWH-.250A6F
FWH-007A6F
FWH 0.25-7A: 500V (6 x 32mm)
Time-Current Curve
FWH 10-30A: 500V (6 x 32mm)
Time-Current Curve
Data Sheet: 35785256
Data Sheet: 50955


Similar Part No. - FWC-20A10F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWC-20A10F COOPER-FWC-20A10F Datasheet
205Kb / 2P
   Ferrule ??FWC 600V: 6-32A
More results

Similar Description - FWC-20A10F

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DMM-B-11A COOPER-DMM-B-11A Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
BBS-1 COOPER-BBS-1 Datasheet
53Kb / 1P
   Fast-Acting Ferrule Fuses
DMM-B-44 COOPER-DMM-B-44 Datasheet
93Kb / 2P
   Fast-Acting Ferrule Fuses
KTQ COOPER-KTQ Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
GCF-1.6A COOPER-GCF-1.6A Datasheet
33Kb / 1P
   5mm 횇 25mm Ferrule Fuses
BAN-20 COOPER-BAN-20 Datasheet
76Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
KTQ-1 COOPER-KTQ-1 Datasheet
74Kb / 1P
   Ferrule Type, Fast-Acting Fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
   5 X 20 mm FERRULE FUSES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com