Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CB017D0222 Datasheet(PDF) 7 Page - AVX Corporation

Part # CB017D0222
Description  Film Chip Capacitors PEN DIELECTRIC ??CB Series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CB017D0222 Datasheet(HTML) 7 Page - AVX Corporation

Back Button CB017D0222 Datasheet HTML 3Page - AVX Corporation CB017D0222 Datasheet HTML 4Page - AVX Corporation CB017D0222 Datasheet HTML 5Page - AVX Corporation CB017D0222 Datasheet HTML 6Page - AVX Corporation CB017D0222 Datasheet HTML 7Page - AVX Corporation CB017D0222 Datasheet HTML 8Page - AVX Corporation CB017D0222 Datasheet HTML 9Page - AVX Corporation CB017D0222 Datasheet HTML 10Page - AVX Corporation CB017D0222 Datasheet HTML 11Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
26
VOLTAGE Vdc: 100V Vac: 63V
Capacitance
Chip Dimensions
Reel
Range
Ordering
*Tolerances
Tape Dimensions
Reel Dimensions
Packaging Unit
Pkg
(CR)
Code
(page 6)
Code
L
W
H max
T
W
P1
K0
A
W1
W2 max
Bulk
Reel
0.0022
CB017E0222+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0027
CB017E0272+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0033
CB017E0332+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0047
CB017E0472+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0056
CB017E0562+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130) (0.063)1
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0068
CB017E0682+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.0082
CB017E0822+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.010μF
CB017E0103+ --
3.30
1.60
1.15
0.50
8.00
4.00
1.20
180
8.40
14.4
2000
3900
BA
(0.130)
(0.063)
(0.045)
(0.020)
(0.315)
(0.158)
(0.047)
(7.087)
(0.331)
(0.567)
0.012
CB027E0123+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
(7.087)
(0.331)
(0.567)
0.015
CB027E0153+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
(7.087)
(0.331)
(0.567)
0.018
CB027E0183+ --
3.30
2.50
1.80
0.50
8.0
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
(7.087)
(0.331)
(0.567)
0.022
CB027E0223+ --
3.30
2.50
1.80
0.50
8.00
4.00
1.90
180
8.40
14.4
2000
2500
BA
(0.130)
(0.098)
(0.071)
(0.020)
(0.315)
(0.158)
(0.075)
(7.087)
(0.331)
(0.567)
0.027
CB037E0273+ --
4.70
3.20
2.20
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.087)
(0.024)
(0.472)
(0.315)
(0.1024)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.20
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.087)
(0.024)
(0.472)
(0.315)
(0.1024)
(12.99)
(0.488)
(0.724)
0.033
CB037E0333+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.047
CB037E0473+ --
4.70
3.20
2.60
0.60
12.0
8.00
3.10
180
12.4
18.4
1500
700
BA
(0.185)
(0.126)
(0.102)
(0.024)
(0.472)
(0.315)
(0.122)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.60
0.60
12.0
8.00
3.10
330
12.4
18.4
1500
3000
BC
(0.185)
(0.126)
(0.102)
(0.024)
(0.472)
(0.315)
(0.122)
(12.99)
(0.488)
(0.724)
0.056
CB037E0563+ --
4.70
3.20
2.50
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.50
0.60
12.0
8.00
2.60
330
12.4
18.4
1500
3600
BC
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(12.99)
(0.488)
(0.724)
0.068
CB037E0683+ --
4.70
3.20
2.00
0.60
12.0
8.00
2.06
180
12.4
18.4
1500
1200
BA
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(7.087)
(0.488)
(0.724)
4.70
3.20
2.00
0.60
12.0
8.00
2.06
330
12.4
18.4
1500
4500
BC
(0.185)
(0.126)
(0.079)
(0.024)
(0.472)
(0.315)
(0.081)
(12.99)
(0.488)
(0.724)
0.082
CB037E0823+ --
4.70
3.20
2.50
0.60
12.0
8.00
2.60
180
12.4
18.4
1500
900
BA
(0.185)
(0.126)
(0.099)
(0.024)
(0.472)
(0.315)
(0.102)
(7.087)
(0.488)
(0.724)
Film Chip Capacitors
PEN DIELECTRIC – CB Series
CAPACITANCE VALUES (CR) AND NOMINAL VOLTAGES (VR)
millimeters (inches)
W
L
H
T
For other Values: upon request
Replace the + by the tolerance code:
J = 5% or K = 10%
Replace the -- by the packaging suffix: -- = bulk
BA or BC = tape & reel


Similar Part No. - CB017D0222

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017D0222 AVX-CB017D0222 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
More results

Similar Description - CB017D0222

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
CB017C0102 AVX-CB017C0102 Datasheet
844Kb / 19P
   Film Chip Capacitors PEN DIELECTRIC CB Series
CB052E0105JBC AVX-CB052E0105JBC Datasheet
744Kb / 10P
   Film Chip Capacitors PET-HT DIELECTRIC ??CB Series
logo
Panasonic Battery Group
ECWU1C124JC9 PANASONICBATTERY-ECWU1C124JC9_1 Datasheet
472Kb / 13P
   Film Chip Capacitor Stacked metallized PEN film as dielectric with simple mold - less construction
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com